Electronic Components Datasheet Search
  English  ▼

X  

MCP1665 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1665 Datasheet HTML 5Page - Microchip Technology MCP1665 Datasheet HTML 6Page - Microchip Technology MCP1665 Datasheet HTML 7Page - Microchip Technology MCP1665 Datasheet HTML 8Page - Microchip Technology MCP1665 Datasheet HTML 9Page - Microchip Technology MCP1665 Datasheet HTML 10Page - Microchip Technology MCP1665 Datasheet HTML 11Page - Microchip Technology MCP1665 Datasheet HTML 12Page - Microchip Technology MCP1665 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
MCP1665 12V OUTPUT BOOST
REGULATOR EVALUATION BOARD
USER’S GUIDE
 2017 Microchip Technology Inc.
DS50002686A-page 9
Chapter 1. Product Overview
1.1
INTRODUCTION
This chapter provides an overview of the MCP1665 12V Output Boost Regulator
Evaluation Board and covers the following topics:
• MCP1665 Device Overview
• What is the MCP1665 12V Output Boost Regulator Evaluation Board?
• What DOES the MCP1665 12V Output Boost Regulator Evaluation Board Kit
Contain?
1.2
MCP1665 DEVICE OVERVIEW
The MCP1665 is a compact, high-efficiency, fixed-frequency, nonsynchronous step-up
DC/DC converter that integrates a 36V, 100 m
 NMOS switch. This product provides
a space-efficient high-voltage step-up, easy-to-use power supply solution. The
MCP1665 was developed for applications powered by Li-Ion or Li-Polymer batteries,
three-cell alkaline, Energizer® Lithium Primary, Ni-Cd, Ni-MH or two-cell Lead-acid
batteries.
The MCP1665 operates in Pulse-Width Modulation (PWM), at a fixed 500 kHz
switching frequency. The device features an undervoltage lockout (UVLO) which
prevents fault operation below 2.7V (UVLOSTOP) corresponding to the value of three
discharged batteries. The MCP1665 starts its normal operation at 2.9V input voltage
(UVLOSTART), then the operating input voltage ranges from 2.7V up to 5V.
For standby applications, MCP1665 can be set in Shutdown by pulling the EN pin to
GND. The device will stop switching and will consume tens of μA of input current
including the feedback divider (the chip itself consumes approx.1 μA). In the Boost
configuration, the input voltage will be bypassed to output through the inductor and the
Schottky diode.
MCP1665 also provides two protection features:
• An open-load protection (OLP) in the event of:
- Short-circuit of the feedback pin to GND
- Disconnected feedback divider
In these conditions, the OLP function stops the internal driver and prevents dam-
aging the device and load. This feature is disabled during start-up sequence and
Thermal Shutdown state.
• An overvoltage protection (OVP) in the event of feedback voltage increasing more
than 5% above its nominal value, meant to protect the device and the load against
excessive overshoots during load steps.
The goal of the MCP1665 12V Output Boost Regulator Evaluation Board is to
demonstrate the higher output voltage and output current capabilities of the MCP1665
Boost Converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com