Electronic Components Datasheet Search
  English  ▼

X  

MCP1665 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1665
Description  MCP1665 12V Output Boost Regulator Evaluation Board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1665 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1665 Datasheet HTML 6Page - Microchip Technology MCP1665 Datasheet HTML 7Page - Microchip Technology MCP1665 Datasheet HTML 8Page - Microchip Technology MCP1665 Datasheet HTML 9Page - Microchip Technology MCP1665 Datasheet HTML 10Page - Microchip Technology MCP1665 Datasheet HTML 11Page - Microchip Technology MCP1665 Datasheet HTML 12Page - Microchip Technology MCP1665 Datasheet HTML 13Page - Microchip Technology MCP1665 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MCP1665 12V Output Boost Regulator Evaluation Board User’s Guide
DS50002686A-page 10
 2017 Microchip Technology Inc.
1.3
WHAT IS THE MCP1665 12V OUTPUT BOOST REGULATOR EVALUATION
BOARD?
The MCP1665 12V Output Boost Regulator Evaluation Board was developed to help
engineers reduce product design cycle time. It comes fully populated and ready to be
tested with a typical 5V input and a 12V output.
Powering the board with a lower voltage in the permitted range can be done after
inspecting the MCP1665 data sheet and adjusting the output current expectations
accordingly.
The output voltage is set to the proper value using an external resistor divider, resulting
in a simple and compact solution.
1.4
WHAT DOES THE MCP1665 12V OUTPUT BOOST REGULATOR
EVALUATION BOARD KIT CONTAIN?
This MCP1665 12V Output Boost Regulator Evaluation Board kit includes:
• MCP1665 12V Output Boost Regulator Evaluation Board (ADM00865)
• Information Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com