Electronic Components Datasheet Search
  English  ▼

X  

LT5517 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5517
Description  40MHz to 900MHz Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5517 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5517 Datasheet HTML 3Page - Linear Technology LT5517 Datasheet HTML 4Page - Linear Technology LT5517 Datasheet HTML 5Page - Linear Technology LT5517 Datasheet HTML 6Page - Linear Technology LT5517 Datasheet HTML 7Page - Linear Technology LT5517 Datasheet HTML 8Page - Linear Technology LT5517 Datasheet HTML 9Page - Linear Technology LT5517 Datasheet HTML 10Page - Linear Technology LT5517 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT5517
7
5517f
Figure 2. Evaluation Circuit Schematic
Figure 4. Component Side Layout of Evaluation Board
Figure 3. Component Side Silkscreen of Evaluation Board
TEST CIRCUIT
IOUT
–
J3
IOUT
+
J4
RF
J1
QOUT
+
J5
QOUT
–
J6
C10
3.3pF
R2
0
Ω
C11
1nF
C12
1nF
J2
2XLO
C5
1nF
EN
56
78
16 15 14 13
17
R1
100k
C3
0.1
µF
C4
2.2
µF
VCC
LT5517
GNDRF
RF+
RF
–
GNDRF
VCC
GND
2XLO
GND
1
2
3
4
12
11
10
9
REFERENCE
DESIGNATION
VALUE
SIZE
PART NUMBER
C1,C2,C5,C11,C12
1nF
0603
AVX 06033A102JAT1A
C3
0.1
µF
0603
TAIYO YUDEN EMK107B
C4
2.2
µF
0603
TAIYO YUDEN JMK107B
C10
3.3pF
0603
AVX 06033A3R3KAT2A
C13 TO C16
10pF
0805
AVX 08055A100ZAT1A
R1
100k
0603
OPTIONAL
R2
0
Ω
0603
JUMPER, OPTIONAL
T1
1:4
M/A COM MABAES0054
5517 F02
C15
10pF
C16
10pF
C1
1nF
T1
MABAES0054
C2
1nF
C13
10pF
C14
10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com