Electronic Components Datasheet Search
  English  ▼

X  

LT5517 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5517
Description  40MHz to 900MHz Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5517 Datasheet(HTML) 1 Page - Linear Technology

  LT5517 Datasheet HTML 1Page - Linear Technology LT5517 Datasheet HTML 2Page - Linear Technology LT5517 Datasheet HTML 3Page - Linear Technology LT5517 Datasheet HTML 4Page - Linear Technology LT5517 Datasheet HTML 5Page - Linear Technology LT5517 Datasheet HTML 6Page - Linear Technology LT5517 Datasheet HTML 7Page - Linear Technology LT5517 Datasheet HTML 8Page - Linear Technology LT5517 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT5517
1
5517f
BPF
5V
VCC
BPF
RF+
RF –
LPF
LT5517
IOUT
+
IOUT
–
0
°
2xLO
EN
ENABLE
2xLO
INPUT
LPF
DSP
QOUT
+
QOUT
–
90
°
÷2
5517 F01
LNA
VGA
VGA
s
Wireless Infrastructure
s
High Linearity Direct Conversion I/Q Receiver
s
High Linearity I/Q Demodulator
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
RF Input Frequency Range: 40MHz to 900MHz
s
High IIP3: 21dBm at 800MHz
s
High IIP2: 58dBm at 800MHz
s
I/Q Gain Mismatch: 0.3dB Max
s
I/Q Phase Mismatch: 0.7
°
s
Noise Figure: 12.4dB at 800MHz
s
Conversion Gain: 3.3dB at 800MHz
s
Baseband Bandwidth: 130MHz
s
Single Ended, 50
Ω Matched 2XLO Input
s
Shutdown Mode
s
16-Lead QFN (4mm
× 4mm) Package
with Exposed Pad
40MHz to 900MHz
Quadrature Demodulator
Figure 1. High Signal-Level I/Q Demodulator for 450MHz Infrastructure Receiver
I/Q Output Power, IM3, IM2
vs RF Input Power
The LT
®5517 is a 40MHz to 900MHz quadrature demodu-
lator optimized for high linearity receiver applications
where high dynamic range is important. It is suitable for
communications receivers where an RF or IF signal is
directly converted into I and Q baseband signals with a
bandwidth up to 130MHz. The LT5517 incorporates bal-
anced I and Q mixers, LO buffer amplifiers and a precision,
broadband quadrature generator derived from an on-chip
divide-by-two circuit.
The superior linearity and low noise performance of the
LT5517 is achieved across its full frequency range. A well-
balanced divide-by-two circuit generates precision quadra-
ture LO carriers to drive the I mixer and the Q mixer.
Consequently, the outputs of the I-channel and the
Q-channel are well matched in amplitude, and their phases
are 90
° apart. The LT5517 also provides excellent 50Ω
impedance matching at the 2XLO port across its entire
frequency range.
RF INPUT POWER (dBm)
–18
–100
–80
–60
–40
–20
0
20
POUT
IM3
IM2
–14
–10
–6
–2
5517 F01b
2
TA = 25°C
P2XLO = –10dBm
f2XLO = 1602MHz
fRF1 = 799.9MHz
fRF2 = 800.1MHz
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT5517

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5517 LINER-LT5517 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5517 LINER-LT5517 Datasheet
644Kb / 34P
Dual 14-Bit 250Msps
LT5517 LINER-LT5517 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
LT5517 LINER-LT5517 Datasheet
1,000Kb / 36P
300MHz Digital Predistortion Receiver
LT5517 LINER-LT5517 Datasheet
220Kb / 12P
40MHz to 900MHz Quadrature Demodulator
More results

Similar Description - LT5517

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8040T PHILIPS-TDA8040T Datasheet
88Kb / 16P
Quadrature demodulator
1996 Oct 08
TDA8041H PHILIPS-TDA8041H Datasheet
95Kb / 16P
Quadrature demodulator controller
November 1994
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
Quadrature demodulator
1997 Apr 11
logo
RF Micro Devices
RF2721 RFMD-RF2721 Datasheet
66Kb / 6P
QUADRATURE DEMODULATOR
logo
Linear Technology
LT5506 LINER-LT5506 Datasheet
321Kb / 12P
40MHz to 500MHz Quadrature Demodulator with VGA
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
QUADRATURE MODULATOR/DEMODULATOR
logo
Analog Devices
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
Quadrature Demodulator
REV. B
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
Quadrature Demodulator
12/13-Rev. A to Rev. B
logo
Linear Technology
LT5517 LINER-LT5517_15 Datasheet
220Kb / 12P
40MHz to 900MHz Quadrature Demodulator
LT5506 LINER-LT5506_15 Datasheet
322Kb / 12P
40MHz to 500MHz Quadrature Demodulator with VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com