Electronic Components Datasheet Search
  English  ▼

X  

LT5517 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5517
Description  40MHz to 900MHz Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5517 Datasheet(HTML) 3 Page - Linear Technology

  LT5517 Datasheet HTML 1Page - Linear Technology LT5517 Datasheet HTML 2Page - Linear Technology LT5517 Datasheet HTML 3Page - Linear Technology LT5517 Datasheet HTML 4Page - Linear Technology LT5517 Datasheet HTML 5Page - Linear Technology LT5517 Datasheet HTML 6Page - Linear Technology LT5517 Datasheet HTML 7Page - Linear Technology LT5517 Datasheet HTML 8Page - Linear Technology LT5517 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT5517
3
5517f
DC ELECTRICAL CHARACTERISTICS T
A = 25°C. VCC = 5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
4.5
5.25
V
Supply Current
70
90
110
mA
Shutdown Current
EN = LOW
0.1
20
µA
Turn-On Time
(Note 5)
200
ns
Turn-Off Time
(Note 5)
300
ns
EN = HIGH (On)
1.6
V
EN = LOW (Off)
1.3
V
EN Input Current
VENABLE = 5V
2
µA
Output DC Offset Voltage
fLO = 1602MHz, PLO = –10dBm
0.5
30
mV
(
IOUT+ – IOUT–, QOUT+ – QOUT–)
Output DC Offset Variation vs Temperature
– 40
°C to 85°C7
µV/°C
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Tests are performed as shown in the configuration of Figure 2.
Note 3: Specifications over the – 40
°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
control.
Note 4: Measured at P2XLO = –10dBm and output frequency = 1MHz.
Note 5: Turn ON and Turn OFF times are based on rise and fall times of the
output baseband voltage with RF input power of –10dBm.
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Conv Gain, NF, IIP3
vs RF Input Frequency
SUPPLY VOLTAGE (V)
4.5
80
90
5.5
5517 G01
70
60
4.75
5
5.25
110
100
TA = 85°C
TA = 25°C
TA = –40°C
RF INPUT FREQUENCY (MHz)
0
0
5
15
20
25
200
400 500
900
5517 G02
10
100
300
600 700 800
IIP3
NF
CONV GAIN
P2XLO = –10dBm
VCC = 5V
TA = 25°C
RF INPUT FREQUENCY (MHz)
0
30
40
60
70
80
200
400 500
900
5517 G03
50
100
300
600 700 800
P2XLO = –10dBm
VCC = 5V
TA = 25°C
IIP2 vs RF Input Frequency
fRF = 800MHz, P2XLO = –10dBm, unless otherwise noted. (Test circuit shown in Figure 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com