Electronic Components Datasheet Search
  English  ▼

X  

TSM80N950 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM80N950
Description  N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM80N950 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM80N950 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSM80N950
Taiwan Semiconductor
Document Number:DS_P0000217
2
Version: B1706
THERMAL PERFORMANCE
PARAMETER
SYMBOL
LIMIT
UNIT
Junction to Case Thermal Resistance
RӨJC
1.14
°C/W
Junction to Ambient Thermal Resistance
RӨJA
62
°C/W
Notes: RӨJA is the sum of the junction-to-case and case-to-ambient thermal resistances. The case thermal reference is defined
at the solder mounting surface of the drain pins. RӨJA is guaranteed by design while RӨCA is determined by the user’s board
design. RӨJA shown below for single device operation on FR-4 PCB with minimum recommended footprint in still air.
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
(Note 4)
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
800
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
2
--
4
V
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 800V, VGS = 0V
IDSS
--
--
1
µA
Drain-Source On-State Resistance
VGS = 10V, ID = 3A
RDS(on)
--
0.8
0.95
Ω
Dynamic
(Note 5)
Total Gate Charge
VDS = 380V, ID = 6A,
VGS = 10V
Qg
--
19.6
--
nC
Gate-Source Charge
Qgs
--
3.5
--
Gate-Drain Charge
Qgd
--
9.7
--
Input Capacitance
VDS = 100V, VGS = 0V,
f = 1.0MHz
Ciss
--
691
--
pF
Output Capacitance
Coss
--
63
--
Gate Resistance
F = 1MHz, open drain
Rg
--
3.4
--
Ω
Switching
(Note 6)
Turn-On Delay Time
VDD = 380V,
RGEN = 25Ω,
ID = 6A, VGS = 10V,
td(on)
--
23
--
ns
Turn-On Rise Time
tr
--
12
--
Turn-Off Delay Time
td(off)
--
57
--
Turn-Off Fall Time
tf
--
11
--
Source-Drain Diode
(Note 4)
Forward On Voltage
IS = 6A, VGS = 0V
VSD
--
--
1.4
V
Reverse Recovery Time
VR = 100V, IS = 6A
dIF/dt = 100A/μs
trr
--
249
--
ns
Reverse Recovery Charge
Qrr
--
2.6
--
μC
Notes:
1.
Current limited by package.
2.
Pulse width limited by the maximum junction temperature.
3.
L = 50mH, IAS = 2.2A, VDD = 50V, RG = 25Ω, Starting TJ = 25
oC
4.
Pulse test: PW
≤ 300µs, duty cycle ≤ 2%.
5.
For DESIGN AID ONLY, not subject to production testing.
6.
Switching time is essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com