Electronic Components Datasheet Search
  English  ▼

X  

TSM80N950 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM80N950
Description  N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM80N950 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM80N950 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TSM80N950
Taiwan Semiconductor
Document Number:DS_P0000217
1
Version: B1706
N-Channel Power MOSFET
800V, 6A, 0.95
Ω
FEATURES
● Super-Junction technology
● High performance due to small figure-of-merit
● High ruggedness performance
● High commutation performance
● Pb-free plating
● Compliant to RoHS Directive 2011/65/EU and in
accordance to WEE 2002/96/EC
● Halogen-free according to IEC 61249-2-21
definition
APPLICATION
● Power Supply
● Lighting
KEY PERFORMANCE PARAMETERS
PARAMETER
VALUE
UNIT
VDS
800
V
RDS(on) (max)
0.95
Ω
Qg
19.6
nC
TO-251 (IPAK)
TO-252 (DPAK)
Notes: MSL 3 (Moisture Sensitivity Level) for TO-252 (D-PAK) per J-STD-020
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
800
V
Gate-Source Voltage
VGS
±30
V
Continuous Drain Current
(Note 1)
TC = 25°C
ID
6
A
TC = 100°C
3.8
A
Pulsed Drain Current
(Note 2)
IDM
18
A
Total Power Dissipation @ TC = 25°C
PDTOT
110
W
Single Pulsed Avalanche Energy
(Note 3)
EAS
121
mJ
Single Pulsed Avalanche Current
(Note 3)
IAS
2.2
A
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
°C


Similar Part No. - TSM80N950

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM80N950CI TSC-TSM80N950CI Datasheet
624Kb / 7P
N-Channel Power MOSFET 800V, 6A, 0.95廓
More results

Similar Description - TSM80N950

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com