Electronic Components Datasheet Search
  English  ▼

X  

TSM80N950 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM80N950
Description  N-Channel Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM80N950 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM80N950 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TSM80N950 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TSM80N950
Taiwan Semiconductor
Document Number:DS_P0000217
5
Version: B1706
CHARACTERISTICS CURVES
(TC = 25°C unless otherwise noted)
Capacitance vs. Drain-Source Voltage
BVDSS vs. Junction Temperature
Maximum Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Case
10
0
10
-5
10
-4
10
-3
10
-2
10
1
10
-1
10
-2
Square Wave Pulse Duration (s)
10
-1
10
-3
10
0
VDS, Drain to Source Voltage (V)
TJ, Junction Temperature (°C)
VDS, Drain to Source Voltage (V)
Continuous Drain Current (A)
Duty=0.5
Duty=0.2
Duty=0.1
Duty=0.05
Duty=0.02
Duty=0.01
Single pulse



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com