Electronic Components Datasheet Search
  English  ▼

X  

CY29773AI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY29773AI
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29773AI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY29773AI Datasheet HTML 4Page - Cypress Semiconductor CY29773AI Datasheet HTML 5Page - Cypress Semiconductor CY29773AI Datasheet HTML 6Page - Cypress Semiconductor CY29773AI Datasheet HTML 7Page - Cypress Semiconductor CY29773AI Datasheet HTML 8Page - Cypress Semiconductor CY29773AI Datasheet HTML 9Page - Cypress Semiconductor CY29773AI Datasheet HTML 10Page - Cypress Semiconductor CY29773AI Datasheet HTML 11Page - Cypress Semiconductor CY29773AI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CY29773
Document #: 38-07573 Rev. **
Page 8 of 12
SYNC Output
In situations where output frequency relationships are not
integer multiples of each other the SYNC output provides a
signal for system synchronization. The CY29773 monitors the
relationship between the QA and the QC output clocks. It
provides a low going pulse, one period in duration, one period
prior to the coincident rising edges of the QA and QC outputs.
The duration and the placement of the pulse depend on the
higher of the QA and QC output frequencies. The following
timing diagram illustrates various waveforms for the SYNC
output. Note that the SYNC output is defined for all possible
combinations of the QA and QC outputs even though under
some relationships the lower frequency clock could be used
as a synchronizing signal.
fMAX
Maximum Output Frequency
÷2 Output
100
–
200
MHz
÷4 Output
50
–
125
÷6 Output
33.3
–
83.3
÷8 Output
25
–
62.5
fMAX
Maximum Output Frequency
(continued)
÷10 Output
20
–
50
MHz
÷12 Output
16.6
–
41.6
÷16 Output
12.5
–
31.25
÷20 Output
10
–
25
÷24 Output
8.3
–
20.8
fSCLK
Serial Clock Frequency
–
–
20
MHz
DC
Output Duty Cycle
fMAX < 100 MHz
48
–
52
%
fMAX > 100 MHz
45
–
55
tr , tf
Output Rise/Fall times
0.55V to 2.4V
0.1
–
1.0
ns
t(φ)
Propagation Delay (static phase
offset)
TCLK to FB_IN, same VDD
–125
–
125
ps
PCLK to FB_IN, same VDD
–125
–
125
tsk(O)
Output-to-Output Skew
Skew within Bank A
–
–
75
ps
Skew within Bank B
–
–
100
Skew within Bank C
–
–
150
tsk(B)
Bank-to-Bank Skew
–
–
325
ps
tPLZ, HZ
Output Disable Time
–
–
8
ns
tPZL, ZH
Output Enable Time
–
–
8
ns
BW
PLL Closed Loop Bandwidth
(–3 dB)
÷4 Feedback
–
1.3–2.0
–
MHz
÷6 Feedback
–
0.7–1.3
–
÷8 Feedback
–
0.9–1.3
–
÷10 Feedback
–
0.6–1.1
–
÷12 Feedback
–
0.6–0.9
–
÷16 Feedback
–
0.4–0.6
–
÷20 Feedback
–
0.6–0.9
–
tJIT(CC)
Cycle-to-Cycle Jitter
Same frequency (125 MHz)
RMS (1
σ)
–
7
30
ps
Same frequency
–
–
100
Multiple frequencies
–
–
375
tJIT(PER)
Period Jitter
Same frequency (125 MHz)
RMS (1
σ)
–
6
30
ps
Same frequency
––
45
75
Multiple frequencies
–
–
225
tJIT(φ)
I/O Phase Jitter
I/O same VDD
––
150
ps
tLOCK
Maximum PLL Lock Time
–
–
1
ms
AC Electrical Specifications (VDD = 3.3V ±5%, TA = –40°C to +85°C)
[7]
Parameter
Description
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com