Electronic Components Datasheet Search
  English  ▼

X  

CY29773AI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY29773AI
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29773AI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY29773AI Datasheet HTML 4Page - Cypress Semiconductor CY29773AI Datasheet HTML 5Page - Cypress Semiconductor CY29773AI Datasheet HTML 6Page - Cypress Semiconductor CY29773AI Datasheet HTML 7Page - Cypress Semiconductor CY29773AI Datasheet HTML 8Page - Cypress Semiconductor CY29773AI Datasheet HTML 9Page - Cypress Semiconductor CY29773AI Datasheet HTML 10Page - Cypress Semiconductor CY29773AI Datasheet HTML 11Page - Cypress Semiconductor CY29773AI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CY29773
Document #: 38-07573 Rev. **
Page 10 of 12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D0-D3 are the control bits for QA0-QA3, respectively
D4-D7 are the control bits for QB0-QB3, respectively
D8-D10 are the control bits for QC1-QC3, respectively
D11 is the control bit for SYNC
Start
Bit
Figure 2.
Pulse
G enerator
Z = 50 ohm
Zo = 50 ohm
VTT
Zo = 50 ohm
VTT
RT = 50 ohm
RT = 50 ohm
Figure 3. LVCMOS_CLK AC Test Reference for VDD = 3.3V/2.5V
Differential
Pulse
Generator
Z = 50 ohm
Zo = 50 ohm
Zo = 50 ohm
VTT
RT = 50 ohm
Zo = 50 ohm
RT = 50 ohm
VTT
Figure 4. PECL_CLK AC Test Reference for VDD = 3.3V/2.5V
t(
φ)
PECL_CLK
PECL_CLK
VPP
FB_IN
VCMR
VDD
GND
VDD/2
Figure 5. LVPECL Propagation Delay t(
φ), Static Phase Offset
t(
φ)
LVCMOS_CLK
FB_IN
VDD
GND
VDD/2
VDD
GND
VDD/2
Figure 6. LVCMOS Propagation Delay t(
φ), Static Phase Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com