Electronic Components Datasheet Search
  English  ▼

X  

ATWILC3000 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATWILC3000
Description  Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC3000 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATWILC3000 Datasheet HTML 17Page - ATMEL Corporation ATWILC3000 Datasheet HTML 18Page - ATMEL Corporation ATWILC3000 Datasheet HTML 19Page - ATMEL Corporation ATWILC3000 Datasheet HTML 20Page - ATMEL Corporation ATWILC3000 Datasheet HTML 21Page - ATMEL Corporation ATWILC3000 Datasheet HTML 22Page - ATMEL Corporation ATWILC3000 Datasheet HTML 23Page - ATMEL Corporation ATWILC3000 Datasheet HTML 24Page - ATMEL Corporation ATWILC3000 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
ATWILC3000 Single Chip IEEE 802.11 b/g/n Link Controller with
Integrated Bluetooth 4.0 [DATASHEET]
Atmel-42390D-ATWILC3000-MUT-SmartConnect-Datasheet_05/2016
2
1
21
9
External Interfaces
ATWILC3000 external interfaces include: SPI Slave, SDIO Slave, and UART for 802.11 control and data
transfer; UART for Bluetooth control and data transfer, and audio; PCM for Bluetooth audio; I2C Slave for
control; SPI Master for external Flash; I2C Master for external EEPROM, and General Purpose Input / Output
(GPIO) pins. With the exception of the SPI Slave and SDIO Slave host interfaces, which are selected using the
dedicated SDIO_SPI_CFG pin, the other interfaces can be assigned to various pins by programming the
corresponding pin muxing control register for each pin to a specific value between 0 and 6.The default values
of these registers are 0, which is GPIO mode. Each digital I/O pin also has a programmable pull-up or pull-
down. The summary of the available interfaces and their corresponding pin MUX settings is shown in Table 9-
1. For specific programming instructions refer to ATWILC3000 Programming Guide.
Table 9-1.
Pin-MUX Matrix of External Interfaces
Pin Name
Pin # Pull
MUX0
MUX1
MUX2
MUX3
MUX4
MUX5
MUX6
GPIO16
14
Up
GPIO_16 O_BT_UART1_TXD
GPIO15
15
Up
GPIO_15 I_BT_UART1_RXD
GPIO14
16
Up
GPIO_14 O_BT_UART1_RTS
IO_I2C_SDA
I_WAKEUP
GPIO13
17
Up
GPIO_13 I_BT_UART1_CTS
IO_I2C_SCL O_WIFI_UART_TXD
I_WAKEUP
GPIO3
20
Up
GPIO_3
O_SPI_SCK_FLASH
O_BT_UART2_TXD
GPIO4
21
Up
GPIO_4
O_SPI_SSN_FLASH
I_BT_UART2_RXD
GPIO5
22
Up
GPIO_5
O_SPI_TXD_FLASH
O_WIFI_UART_TXD
I_WAKEUP
GPIO6
23
Up
GPIO_6
I_SPI_RXD_FLASH
I_WIFI_UART_RXD
I_WAKEUP
RTC_CLK
28
Up
GPIO_1
I_RTC_CLK
I_WIFI_UART_RXD
O_WIFI_UART_TXD
I_BT_UART1_CTS
SD_CLK
29
Up
GPIO_8
I_SD_CLK
I_WIFI_UART_RXD
I_BT_UART1_CTS
SD_CMD/SPI_SCK
30
Up
IO_SD_CMD
IO_SPI_SCK
SD_DAT0/SPI_TXD
31
Up
IO_SD_DAT0
O_SPI_TXD
SD_DAT1/SPI_SSN
32
Up
IO_SD_DAT1
IO_SPI_SSN
SD_DAT2/SPI_RXD
34
Up
IO_SD_DAT2
I_SPI_RXD
SD_DAT3
35
Up
GPIO_7
IO_SD_DAT3
O_WIFI_UART_TXD O_BT_UART1_RTS
GPIO17
36
Down
GPIO_17 IO_BT_PCM_CLK
I_WAKEUP
GPIO18
37
Down
GPIO_18 IO_BT_PCM_SYNC
I_WAKEUP
GPIO19
38
Down
GPIO_19 I_BT_PCM_D_IN
I_WAKEUP
GPIO20
39
Down
GPIO_20 O_BT_PCM_D_OUT
I_WAKEUP
IRQN
40
Up
GPIO_2
O_IRQN
I_WIFI_UART_RXD
O_BT_UART1_RTS
GPIO21
41
Up
GPIO_21 I_RTC_CLK
I_WIFI_UART_RXD
O_WIFI_UART_TXD
O_BT_UART1_RTS
IO_I2C_MASTER_SCL
HOST_WAKEUP
42
Up
GPIO_0
I_WAKEUP
O_WIFI_UART_TXD
IO_I2C_MASTER_SDA
9.1
I2C Slave Interface
The I2C Slave interface, used primarily for control by the host processor, is a two-wire serial interface
consisting of a serial data line (SDA) on Pin 16 (GPIO14) and a serial clock line (SCL) on Pin 17 (GPIO13). I2C
Slave responds to the seven bit address value 0x60. The ATWILC3000 I2C supports I2C bus Version 2.1 -
2000 and can operate in standard mode (with data rates up to 100Kb/s) and fast mode (with data rates up to
400Kb/s).
The I2C Slave is a synchronous serial interface. The SDA line is a bidirectional signal and changes only while
the SCL line is low, except for STOP, START, and RESTART conditions. The output drivers are open-drain to
perform wire-AND functions on the bus. The maximum number of devices on the bus is limited by only the
maximum capacitance specification of 400pF. Data is transmitted in byte packages.
For specific information, refer to the Philips Specification entitled “The I2C -Bus Specification, Version 2.1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com