Electronic Components Datasheet Search
  English  ▼

X  

ATWILC3000 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATWILC3000
Description  Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC3000 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATWILC3000 Datasheet HTML 32Page - ATMEL Corporation ATWILC3000 Datasheet HTML 33Page - ATMEL Corporation ATWILC3000 Datasheet HTML 34Page - ATMEL Corporation ATWILC3000 Datasheet HTML 35Page - ATMEL Corporation ATWILC3000 Datasheet HTML 36Page - ATMEL Corporation ATWILC3000 Datasheet HTML 37Page - ATMEL Corporation ATWILC3000 Datasheet HTML 38Page - ATMEL Corporation ATWILC3000 Datasheet HTML 39Page - ATMEL Corporation ATWILC3000 Datasheet HTML 40Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
ATWILC3000 Single Chip IEEE 802.11 b/g/n Link Controller with
Integrated Bluetooth 4.0 [DATASHEET]
Atmel-42390D-ATWILC3000-MUT-SmartConnect-Datasheet_05/2016
3
9
39
15
Revision History
Doc Rev.
Date
Comments
42390D
05/2016
1. Updated Features, Bluetooth to say Bluetooth 4.0 (Basic Rate, Enhanced Rate, and
BLE). Added Bluetooth Certifications
2. Replaced VBATT with VBAT to match schematics.
3. Revised Package information in Table 3-2.
4. Revised PPM values from 200 to 500ppm in Chapter 5.
5. Revised Table 7-2 transmitter performance values and note 2.
6. Revised the values and note in Table 8-2
7. Revised SPI Slave Timing parameters in Table 9-6.
8. Revised SPI Master Timing parameters in Table 9-8.
9. Revised SDIO Slave Timing parameters in Table 9-10.
10. Add text in Section 9.6 regarding flow control usage.
11. Revised Current consumption values in Table 10-2.
12. Updated Package drawing to include solder paddle pad in Figure 3-2.
13. Added Reflow profile in Chapter 13.
14. Revised tolerance for thickness in Table 3-2 for QFN package information.
15. Added footnote for Pull-up/Pull-Down ohm value in Table 10-4.
42390C
07/2015
1. Modified sections 10.2.1 and 10.2.2 to add new current consumption numbers, update
state names, and correct some typos
2. Fixed typos for SPI Slave interface timing in Table 9-6
3. Fixed typos for battery supply name: changed from VBAT to VBATT
4. Corrected PMU output voltages in Table 10-1
5. Updated reference schematic drawing in section 11
6. Added comment regarding resistors on SDIO pins in section 12
7. Updated power architecture drawing in section 10.1
8. Added pad drive strength in Table 4-3 and removed the note under Table 3-1
9. Updated operating temperature in the feature list
10. Corrected current in Power_Down state in Table 10-2
11. Miscellaneous minor formatting and content corrections
42390B
03/2015
DS update new Atmel format.
42390A
01/2015
Initial document release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com