Electronic Components Datasheet Search
  English  ▼

X  

ATWILC3000 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # ATWILC3000
Description  Single Chip IEEE 802.11 b/g/n Link Controller withIntegrated Bluetooth 4.0
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATWILC3000 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button ATWILC3000 Datasheet HTML 26Page - ATMEL Corporation ATWILC3000 Datasheet HTML 27Page - ATMEL Corporation ATWILC3000 Datasheet HTML 28Page - ATMEL Corporation ATWILC3000 Datasheet HTML 29Page - ATMEL Corporation ATWILC3000 Datasheet HTML 30Page - ATMEL Corporation ATWILC3000 Datasheet HTML 31Page - ATMEL Corporation ATWILC3000 Datasheet HTML 32Page - ATMEL Corporation ATWILC3000 Datasheet HTML 33Page - ATMEL Corporation ATWILC3000 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
ATWILC3000 Single Chip IEEE 802.11 b/g/n Link Controller with
Integrated Bluetooth 4.0 [DATASHEET]
Atmel-42390D-ATWILC3000-MUT-SmartConnect-Datasheet_05/2016
3
0
30
10
Power Management
10.1
Power Architecture
ATWILC3000 uses an innovative power architecture to eliminate the need for external regulators and reduce
the number of off-chip components. This architecture is shown in Figure 10-1. The Power Management Unit
(PMU) has a DC/DC Converter that converts VBAT to the core supply used by the digital and RF/AMS blocks.
In Table 10-1 the typical values for the digital and RF/AMS core voltages are shown. The PA and eFuse are
supplied by dedicated LDOs, and the VCO is supplied by a separate LDO structure.
Figure 10-1.
Power Architecture
VBATT_BUCK
Off-Chip
LC
RF/AMS Core
Sleep
Osc
VSW
VREG_BUCK
VDD_AMS,
VDD_RF,
VDD_SXDIG
LDO1
VDDIO_A
VDD_VCO
LDO2
~
VDD_BATT
1.2V
1.0V
CHIP_EN
EFuse
LDO
SX
Digital Core
DC/DC Converter
EFuse
PA
PMU
RF/AMS
Digital
VDDC
Dig Core
LDO
2.5V
Pads
VDDIO
Sleep
LDO
Digital Core Voltage
dcdc_ena
ena
Vin
Vout
ena
ena
VBATT
VDDIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com