Electronic Components Datasheet Search
  English  ▼

X  

DS3902 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3902
Description  Dual, NV, Variable Resistors with User EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3902 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3902 Datasheet HTML 1Page - Maxim Integrated Products DS3902 Datasheet HTML 2Page - Maxim Integrated Products DS3902 Datasheet HTML 3Page - Maxim Integrated Products DS3902 Datasheet HTML 4Page - Maxim Integrated Products DS3902 Datasheet HTML 5Page - Maxim Integrated Products DS3902 Datasheet HTML 6Page - Maxim Integrated Products DS3902 Datasheet HTML 7Page - Maxim Integrated Products DS3902 Datasheet HTML 8Page - Maxim Integrated Products DS3902 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Dual, NV, Variable Resistors
with User EEPROM
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(TA = -40°C to +95°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC, SDA, SCL, H0,
and H1 Relative to Ground................................-0.5V to +6.0V
Voltage Range on ADD_SEL Relative
to Ground ...............-0.5V to (VCC + 0.5V), not to exceed 6.0V
Resistor Current ....................................................................3mA
Operating Temperature Range ...........................-40°C to +95°C
Programming Temperature Range .........................0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature ...............................................See IPC/JEDEC
J-STD-020A Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.4
+5.5
V
Input Logic 1
(SDA, SCL, ADD_SEL)
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0
(SDA, SCL, ADD_SEL)
VIL
-0.3
+0.3 x
VCC
V
Resistor Inputs
H0, H1
-0.3
+5.5
V
Resistor Current
IRES
3mA
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.4V to +5.5V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standby Current
ISTBY
(Note 2)
200
µA
Input Leakage
IL
-1
+1
µA
VOL1
3mA sink current
0
0.4
Low-Level Output Voltage (SDA)
VOL2
6mA sink current
0
0.6
V
ANALOG RESISTOR CHARACTERISTICS
(VCC = +2.4V to +5.5V, TA = -40°C to +95°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Resistance Tolerance
TA = +25°C
-20
+20
%
Position 0 Resistance
160
250
Ω
Absolute Linearity
(Note 3)
-1
+1
LSB
Relative Linearity
(Note 4)
-0.75
+0.75
LSB
Temperature Coefficient
At position FFh. (Notes 5, 6)
-300
+300
ppm/°C
High-Impedance Resistor Current
IRHIZ
H0, H1 = VCC
-1
+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com