Electronic Components Datasheet Search
  English  ▼

X  

DS3902 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS3902
Description  Dual, NV, Variable Resistors with User EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3902 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS3902 Datasheet HTML 1Page - Maxim Integrated Products DS3902 Datasheet HTML 2Page - Maxim Integrated Products DS3902 Datasheet HTML 3Page - Maxim Integrated Products DS3902 Datasheet HTML 4Page - Maxim Integrated Products DS3902 Datasheet HTML 5Page - Maxim Integrated Products DS3902 Datasheet HTML 6Page - Maxim Integrated Products DS3902 Datasheet HTML 7Page - Maxim Integrated Products DS3902 Datasheet HTML 8Page - Maxim Integrated Products DS3902 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Dual, NV, Variable Resistors
with User EEPROM
_____________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (Figure 1)
(VCC = +2.4V to +5.5V, TA = -40°C to +95°C, unless otherwise noted. Timing referenced to VIL(MAX) and VIH(MIN).)
Note 1: All voltages referenced to ground.
Note 2: ISTBY specified for the inactive state measured with SDA = SCL = VCC, ADD_SEL = GND, and with H0 and H1 floating.
Note 3: Absolute linearity is the difference of measured value from expected value at resistor position. Expected value is from the
measured minimum position to measured maximum position.
Note 4: Relative linearity is the deviation of an LSB resistor setting change vs. the expected LSB change. Expected LSB slope of the
straight line is the typical operating curves from the measured minimum position to measured maximum position.
Note 5: See the Typical Operating Characteristics section.
Note 6: Guaranteed by design.
Note 7: Timing shown is for fast-mode (400kHz) operation. This device is also backward-compatible with I2C standard mode.
Note 8: CB—total capacitance of one bus line in picofarads.
Note 9: EEPROM write begins after a STOP condition occurs.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 7)
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
Hold Time (Repeated)
START Condition
tHD:STA
0.6
µs
Low Period of SCL
tLOW
1.3
µs
High Period of SCL
tHIGH
0.6
µs
Data Hold Time
tHD:DAT
0
0.9
µs
Data Setup Time
tSU:DAT
100
µs
Start Setup Time
tSU:STA
0.6
µs
SDA and SCL Rise Time
tR
(Note 8)
20 +
0.1 x CB
300
ns
SDA and SCL Fall Time
tF
(Note 8)
20 +
0.1 x CB
300
ns
Stop Setup Time
tSU:STO
0.6
µs
SDA and SCL Capacitive Loading
CB
(Note 8)
400
pF
EEPROM Write Time
tWR
(Note 9)
10
ms
Input Capacitance
CI
5pF
Startup Time
tST
(Note 6)
2
ms
NONVOLATILE MEMORY CHARACTERISTICS
(VCC = +2.4V to +5.5V, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
EEPROM Writes
+70°C (Note 6)
50,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com