Electronic Components Datasheet Search
  English  ▼

X  

DS3902 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS3902
Description  Dual, NV, Variable Resistors with User EEPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3902 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS3902 Datasheet HTML 1Page - Maxim Integrated Products DS3902 Datasheet HTML 2Page - Maxim Integrated Products DS3902 Datasheet HTML 3Page - Maxim Integrated Products DS3902 Datasheet HTML 4Page - Maxim Integrated Products DS3902 Datasheet HTML 5Page - Maxim Integrated Products DS3902 Datasheet HTML 6Page - Maxim Integrated Products DS3902 Datasheet HTML 7Page - Maxim Integrated Products DS3902 Datasheet HTML 8Page - Maxim Integrated Products DS3902 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Dual, NV, Variable Resistors
with User EEPROM
4
_____________________________________________________________________
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
STANDBY SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
20
40
60
80
100
120
140
160
180
0
-40
VCC = +5V
VCC = +3V
ASEL = GND
H0, H1, OPEN
SDA = SCL = VCC
SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
350
300
200 250
100 150
50
20
40
60
80
100
120
140
160
180
200
0
0400
VCC = SDA = +5V
RESISTANCE
vs. RESISTOR SETTING
RESISTOR SETTING (DEC)
250
225
175 200
50 75 100 125 150
25
5
10
15
20
25
30
35
40
45
50
0
0
H1
H0 (-530 VERSION)
TEMPERATURE COEFFICIENT
vs. POSITION
POSITION (DEC)
250
200
150
100
50
0
200
400
600
800
1000
1200
1400
1600
-200
0
TC OF +25
°C TO -40°C
TC OF +25
°C TO +85°C
POSITION FFh RESISTANCE PERCENT
CHANGE FROM +25
°C vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
40
20
0
-20
0
0.2
0.4
0.6
0.8
-0.2
-40
POSITION 00h RESISTANCE PERCENT
CHANGE FROM +25
°C vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
-8
-6
-4
-2
0
2
4
6
8
10
12
-10
-40
H0, H1 RESISTANCE
vs. POWER-UP VOLTAGE
POWER-UP VOLTAGE (V)
5
4
3
2
1
10
20
30
40
50
60
70
80
90
100
0
0
H0 (-530 VERSION)
EEPROM RECALL
>100k
H1
PROGRAMMED
RESISTANCE (FFh)
H0, H1 RESISTANCE
vs. POWER-DOWN VOLTAGE
POWER-DOWN VOLTAGE (V)
5
4
3
2
1
10
20
30
40
50
60
70
80
90
100
0
0
H0 (-530 VERSION)
>100k
H1
PROGRAMMED
RESISTANCE (FFh)
POSITION 7Fh RESISTANCE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.4
4.9
3.9
4.4
3.4
2.9
12
14
16
18
20
22
24
26
28
30
10
2.4
H1
H0 (-530 VERSION)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com