Electronic Components Datasheet Search
  English  ▼

X  

PS-501 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # PS-501
Description  SAW Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PS-501 Datasheet(HTML) 3 Page - Vectron International, Inc

  PS-501 Datasheet HTML 1Page - Vectron International, Inc PS-501 Datasheet HTML 2Page - Vectron International, Inc PS-501 Datasheet HTML 3Page - Vectron International, Inc PS-501 Datasheet HTML 4Page - Vectron International, Inc PS-501 Datasheet HTML 5Page - Vectron International, Inc PS-501 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
Additional Parameters
Parameter
Min
Max
Units
Notes
Weight
2.0g
Subharmonics
-30
-25
dBc
dBc
< 2 GHz
> 2 GHz
Processing and Packing
Handling and Processing Note
Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Supply Voltage (V
S)
6.0
V
Operable Temperature Range
-40
+85
0C
Storage Temperature Range
-40
+95
0C
Performance Specifications (Continued)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Typical Performance
Phase Noise
PS-501 @ 1GHz Sinewave



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com