Electronic Components Datasheet Search
  English  ▼

X  

PS-501 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # PS-501
Description  SAW Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PS-501 Datasheet(HTML) 5 Page - Vectron International, Inc

  PS-501 Datasheet HTML 1Page - Vectron International, Inc PS-501 Datasheet HTML 2Page - Vectron International, Inc PS-501 Datasheet HTML 3Page - Vectron International, Inc PS-501 Datasheet HTML 4Page - Vectron International, Inc PS-501 Datasheet HTML 5Page - Vectron International, Inc PS-501 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
Standard Shipping Method
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Enclosure Type
Tape Width W (mm)
Quantity per meter
Quantity per reel
Dimension P (mm)
G218C / G218L
24
1700
12
G218H
24
850
12
Recommended Reflow Profile
Profile Feature
Pb-Free Assembly/Sn-Pb
Assembly
Profile Feature
Pb-Free Assembly/Sn-Pb
Assembly
Average ramp-up rate (T
L to TP)
3°C/second max.
Time 25°C to Peak Temperature
8 minutes max.
Preheat - Temperature Min T
Smin
-Temperature Min T
Sma
-Time (min to max) t
S
150°C
200°C
60-180 seconds
Time maintained above
-Temperature (T
L)
-Time (t
L)
217°C
60-150 seconds
T
Smax to TL -Ramp-up Rate
3°C/second max
Time maintained above
-Temperature (T
L)
-Time (t
L)
217°C
60-150 seconds
Time within 5°C of actual Peak-
Temperature (t
P)
20-40 seconds
Peak Temperature (T
P)
max 260°C
Ramp-down Rate
6°C/ second max
Note: All temperatures refer to topside of the package, measured on the package body surface.
SMD oscillators must be on the top side of the PCB during the reflow process.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com