Electronic Components Datasheet Search
  English  ▼

X  

PS-501 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # PS-501
Description  SAW Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

PS-501 Datasheet(HTML) 4 Page - Vectron International, Inc

  PS-501 Datasheet HTML 1Page - Vectron International, Inc PS-501 Datasheet HTML 2Page - Vectron International, Inc PS-501 Datasheet HTML 3Page - Vectron International, Inc PS-501 Datasheet HTML 4Page - Vectron International, Inc PS-501 Datasheet HTML 5Page - Vectron International, Inc PS-501 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 of 6
Outline Drawing / Enclosure
Package Codes
Code
Height “H”
Pin Length “L”
G218C
2.8
N/A
G218H
4.9
N/A
G218L
2.3
N/A
Dimensions in mm
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Pin Assignment Sinewave
1
N.C.
2
N.C.
3
GND
4
RF Out
5
N.C.
6
Supply Voltage Input (V
S)
Marking
PS-501-xxxx
Frequency
•AYYWW
Pin Assignment Balanced Sinewave
1
N.C.
2
N.C.
3
GND
4
RF Out
5
RF-Out_Compl. 180° phase shifted
6
Supply Voltage Input (V
S)
Pin Assignment LVPECL
1
N.C.
2
N.C.
3
GND
4
RF Out
5
RF-Out_complementary
6
Supply Voltage Input (V
S)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com