Electronic Components Datasheet Search
  English  ▼

X  

SLG55587 Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # SLG55587
Description  USB Host Charger Identification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG55587 Datasheet(HTML) 4 Page - Dialog Semiconductor

  SLG55587 Datasheet HTML 1Page - Dialog Semiconductor SLG55587 Datasheet HTML 2Page - Dialog Semiconductor SLG55587 Datasheet HTML 3Page - Dialog Semiconductor SLG55587 Datasheet HTML 4Page - Dialog Semiconductor SLG55587 Datasheet HTML 5Page - Dialog Semiconductor SLG55587 Datasheet HTML 6Page - Dialog Semiconductor SLG55587 Datasheet HTML 7Page - Dialog Semiconductor SLG55587 Datasheet HTML 8Page - Dialog Semiconductor SLG55587 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
000-00055587-10
Page 4 of 10
SLG55587
SLG55587A
Electrical Characteristics - Dynamic Performance
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
TON
Turn On Time
VTDP or VTDM = 1.5V
RL = 300Ω
CL = 35pF
--‘
20
100
μs
TOFF
Turn Off Time
VTDP or VTDM = 1.5V
RL = 300Ω
CL = 35pF
--‘
1
5
μs
TPLH, TPHL
TDP/TDM Switch Propaga-
tion Delay
RL = RS = 50Ω
--
60
--
ps
TSKEW
Output Skew
Skew between DP and DM
when connected to TDP and
TDM
RL = RS = 50Ω
--
40
--
ps
COFF
TDP/TDM Off-Capacitance
f = 1MHz
--‘
2.0
--
pF
CON
DP/DM On-Capacitance
f = 240MHz
--‘
4.0
5.5
pF
BW
-3dB Bandwidth
RL = RS = 50Ω
--
1000
--
MHz
VISO
Off-Isolation
VTDP, VDP = 0dBm
RL = RS =5 0Ω
f = 250MHz
--
-20
--
dB
VCT
Crosstalk
VTDP, VDP = 0dBm
RL = RS = 50Ω
f = 250MHz
--
-25
--
dB
Electrical Characteristics - Internal Resistors
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
RPD
DP/DM Short Pull-down
350
500
700
k
Ω
RTRP
RP1/RP2 Ratio
1.485
1.5
1.515
Ratio
RRP
RP1 + RP2 Resistance
93.75
125.0
156.25
k
Ω
RTRM
RM1/RM2 Ratio
0.8544
0.863
0.872
Ratio
RRM
RM1 + RM2 Resistance
69.75
93.0
115.18
k
Ω
Electrical Characteristics - Logic Input CB
VDD = 4.5V to 5.5V, TA = 25°C (unless specified otherwise)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VIH
CB Input Logic High
1.4
--
--
V
VIL
CB Input Logic Low
--
--
0.4
V
IIN
CB Input Leakage Current
VDD = 5.5V
0
≤ VCB ≤ VIL or VIH ≤ VCB ≤ VDD
-1
--
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com