Electronic Components Datasheet Search
  English  ▼

X  

SLG55587 Datasheet(PDF) 8 Page - Dialog Semiconductor

Part # SLG55587
Description  USB Host Charger Identification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG55587 Datasheet(HTML) 8 Page - Dialog Semiconductor

Back Button SLG55587 Datasheet HTML 2Page - Dialog Semiconductor SLG55587 Datasheet HTML 3Page - Dialog Semiconductor SLG55587 Datasheet HTML 4Page - Dialog Semiconductor SLG55587 Datasheet HTML 5Page - Dialog Semiconductor SLG55587 Datasheet HTML 6Page - Dialog Semiconductor SLG55587 Datasheet HTML 7Page - Dialog Semiconductor SLG55587 Datasheet HTML 8Page - Dialog Semiconductor SLG55587 Datasheet HTML 9Page - Dialog Semiconductor SLG55587 Datasheet HTML 10Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
000-00055587-10
Page 8 of 10
SLG55587
SLG55587A
Package Drawing and Dimensions
8 Lead TDFN Package
D
A
B
C
0.15
C
0.15
DETAIL A
b
C
0.10
A B
M
C
0.05 M
DETAIL B
Symbol
Min
(mm)
NOM
(mm)
Max
(mm)
0.70
0.75
0.80
A
0.00
--
0.05
A1
--
0.55
--
A2
--
0.20
--
A3
0.20
0.25
0.30
b
1.90
2.00
2.10
D
1.50
1.60
1.70
D2
1.90
2.00
2.10
E
0.80
0.90
1.00
E2
0.50 BSC
e
0.20
0.30
0.40
L
SEATING PLANE
DETAIL A
C
0.10
C
0.08
C
D2
Pin 1
0.25x45°
DETAIL B
e



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com