Electronic Components Datasheet Search
  English  ▼

X  

SLG55587 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # SLG55587
Description  USB Host Charger Identification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG55587 Datasheet(HTML) 1 Page - Dialog Semiconductor

  SLG55587 Datasheet HTML 1Page - Dialog Semiconductor SLG55587 Datasheet HTML 2Page - Dialog Semiconductor SLG55587 Datasheet HTML 3Page - Dialog Semiconductor SLG55587 Datasheet HTML 4Page - Dialog Semiconductor SLG55587 Datasheet HTML 5Page - Dialog Semiconductor SLG55587 Datasheet HTML 6Page - Dialog Semiconductor SLG55587 Datasheet HTML 7Page - Dialog Semiconductor SLG55587 Datasheet HTML 8Page - Dialog Semiconductor SLG55587 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Silego Technology, Inc.
Rev 1.0
000-00055587-10
Revised October 7, 2011
USB Host Charger Identification
Analog Switches
SLG55587
SLG55587A
Block Diagram
General Description
The SLG55587/SLG55587A is a USB device that combines
high speed USB switches with a USB host charger (dedicated
charger) identification circuit. The device supports both the
latest USB Battery Charging Specification Revision 1.2 in-
cluding data contact detection and a set resistor bias for Ap-
ple compliant devices as well as legacy USB D+/D- short de-
tection using data line pull-up.
The SLG55587/SLG55587A can also support Apple IPAD2
@ 2 A charging current.
The SLG55587/SLG55587A can also support low speed / full
speed mouse/keyboard wake-up from S3 mode.
Features
•
High Speed USB Switching
•
Low 4.0pF (typ) On Capacitance
•
Low 4.0
Ω (typ) On Resistance
•
Low 0.5
Ω (typ) On Resistance Flatness
•
4.5V to 5.5V Supply Range
•
Low Supply Current
•
Automatic Current-Limit Switch Control
•
Automatic USB Charger Identification Circuit
•
Apple IPAD2 @ 2 A charging current support
•
Pb-Free / RoHS Compliant
•
Halogen-Free
•
TDFN-8 Package
Pin Configuration - SLG55587
Pin Configuration - SLG55587A
VDD
GND
TDP
TDM
CB
DP
DM
CEN#
2
3
45
6
7
8
1
Thermal Pad
connected to GND
TDFN-8
(Top View)
VDD
GND
TDP
TDM
CB
DP
DM
CEN
2
3
45
6
7
8
1
Thermal Pad
connected to GND
TDFN-8
(Top View)
FSM Logic
One Shot
+
-
VREF1
+
-
VREF1
CEN#
or CEN
CB
DM
DP
+
-
VREF2
FET
VDD
TDP
TDM
Resistor
Divider
Resistor
Divider


Similar Part No. - SLG55587

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG55587 RENESAS-SLG55587 Datasheet
244Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
SLG55587A RENESAS-SLG55587A Datasheet
244Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
SLG55587AV RENESAS-SLG55587AV Datasheet
244Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
SLG55587AVTR RENESAS-SLG55587AVTR Datasheet
244Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
SLG55587V RENESAS-SLG55587V Datasheet
244Kb / 10P
USB Host Charger Identification Analog Switches
February 8, 2022
More results

Similar Description - SLG55587

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG55566 DIALOG-SLG55566 Datasheet
134Kb / 9P
USB Host Charger Identification
SLG55570A DIALOG-SLG55570A Datasheet
160Kb / 9P
USB Host Charger Identification
SLG55583 DIALOG-SLG55583 Datasheet
155Kb / 10P
USB Host Charger Identification
SLG55584 DIALOG-SLG55584 Datasheet
155Kb / 10P
USB Host Charger Identification
SLG55590 DIALOG-SLG55590 Datasheet
171Kb / 10P
USB Host Charger Identification
SLG55593 DIALOG-SLG55593 Datasheet
171Kb / 10P
USB Host Charger Identification
SLG55594 DIALOG-SLG55594 Datasheet
329Kb / 10P
USB Host Charger Identification
SLG55596 DIALOG-SLG55596 Datasheet
124Kb / 10P
USB Host Charger Identification
logo
Renesas Technology Corp
SLG55570A RENESAS-SLG55570A Datasheet
294Kb / 9P
USB Host Charger Identification
February 8, 2022
SLG55596AV RENESAS-SLG55596AV Datasheet
472Kb / 11P
USB Host Charger Identification
8-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com