Electronic Components Datasheet Search
  English  ▼

X  

SA2002H Datasheet(PDF) 6 Page - Sames

Part # SA2002H
Description  Single Phase Bidirectional Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002H Datasheet(HTML) 6 Page - Sames

Back Button SA2002H_17 Datasheet HTML 2Page - Sames SA2002H_17 Datasheet HTML 3Page - Sames SA2002H_17 Datasheet HTML 4Page - Sames SA2002H_17 Datasheet HTML 5Page - Sames SA2002H_17 Datasheet HTML 6Page - Sames SA2002H_17 Datasheet HTML 7Page - Sames SA2002H_17 Datasheet HTML 8Page - Sames SA2002H_17 Datasheet HTML 9Page - Sames SA2002H_17 Datasheet HTML 10Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SPEC-3116 (REV. 9)
6/11
29-09-2017
SA2002H
ELECTROSTATIC DISCHARGE (ESD)
PROTECTION
The SA2002H integrated circuits inputs and outputs are
protected against ESD.
POWER CONSUMPTION
The power consumption rating of the SA2002H integrated
circuit is less than 25mW.
INPUT SIGNALS
VREF
A bias resistor of 24k
 sets optimum bias conditions on chip.
Calibration of the SA2002H should be done on the voltage
input as described in Typical Applications.
Current Sense Inputs (IIP and IIN)
Figure 5 shows the typical connections for the current sensor
input. The resistors R1 and R2 define the current level into
the current sense inputs of the SA2002H. At maximum rated
current the resistor values should be selected for input
currents
of 16μARMS.
Values for resistors R1 and R2 can be calculated as follows:
����1 = ����2 =
��������
16��������
×
������������
2
where
IL is the line current and
RSH is the shunt resistor or termination resistor if a CT
(current transformer) is used as the current sensor.
The value of RSH, if used as a CT termination resistor, should
be less than the DC resistance of the secondary winding of
the CT. The voltage drop across RSH should not be less than
16mVRMS at rated currents.
Voltage Sense Input (IVP)
The current into the A/D converter should
be set at 14μARMS
at nominal mains voltage. The voltage sense input saturates
at
an input current of ±25μA peak. Referring to Figure 5, the
typical connections for the voltage sense input is illustrated.
Resistors R3, R4 and R5 set the current for the voltage sense
input. The mains voltage is divided down to 14VRMS. The
current into the
A/D converter input is set at 14μARMS via
resistor R5.
OUTPUT SIGNALS
Pulse Output (FOUT)
The output on FOUT is a pulse density signal representing
the instantaneous power/energy measurement as shown in
Figure 7. The pulse width on FOUT changes with the direction
of energy measurement by the device. The pulse width (tp) is
71,5μs for positive energy and doubles if negative energy is
measured. The output frequency may be calculated using the
following formula:
���� = 11.16 × ���������������� ×
�������� × ��������
��������
2
where
FOUT is the typical rated output frequency (1160Hz),
II is the input current on the current sense inputs in RMS
(16μA at rated conditions),
IV is the input current on the voltage sense input in RMS
(14
μA at rated conditions) and
IR is the reference current on VREF,
typically 50μA.
An integrated anti-creep function does not allow output
pulses on FOUT if no power is measured by the device.
Figure 7: Instantaneous pulse output
Direction Indication (DIRO)
The direction output DIR can be used to determine the
direction of energy flow. The pin is high for positive energy
and low when negative energy is measured. Figure 8 shows
the behavior of the direction output DIR, when energy
reversal takes place. The time period for the DIR signal to
change state, tDIR, is the time it takes for the internal integrator
to count (down) from its present value to zero. Thus the
energy consumption rate determines the speed of change on
t
V
MAINS
t
P
t
Power
V x I
FOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com