Electronic Components Datasheet Search
  English  ▼

X  

SA2002H Datasheet(PDF) 8 Page - Sames

Part # SA2002H
Description  Single Phase Bidirectional Power
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA2002H Datasheet(HTML) 8 Page - Sames

Back Button SA2002H_17 Datasheet HTML 3Page - Sames SA2002H_17 Datasheet HTML 4Page - Sames SA2002H_17 Datasheet HTML 5Page - Sames SA2002H_17 Datasheet HTML 6Page - Sames SA2002H_17 Datasheet HTML 7Page - Sames SA2002H_17 Datasheet HTML 8Page - Sames SA2002H_17 Datasheet HTML 9Page - Sames SA2002H_17 Datasheet HTML 10Page - Sames SA2002H_17 Datasheet HTML 11Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SPEC-3116 (REV. 9)
8/11
29-09-2017
SA2002H
Figure 10: Typical application circuit
Table 1: Component list for typical application
Symbol
Description
U1
Energy metering device, SA2002H
D1, D2
Diode 1N4002
D3, D4
Zener diode, 2.4V
R1, R2, R3
Resistor, 110k
, 1%, metal film
R4, R5
Resistor, 680
, 1%, metal film
R61, R71
Resistor, 820
, 1%, metal film
R8
Resistor, 47
, 5%, 2W, wire wound
R9
Shunt resistor, 625μ
Symbol
Description
R10
Resistor, 22k
, 1%, metal film
R111
Resistor, 1M
, 1%, metal film
R121
Resistor, 24k
, 1%, metal film
P1
Trim-pot, 25 turns, 5k
C12, C22
Capacitor, 220nF, ceramic
C3, C4
Capacitor,
100μF, 16V, electrolytic
C5
Capacitor, 330nF, 250VAC
C62
Capacitor, 820nF, ceramic
Note 1: Resistors R6, R7, R12 and R13 must be positioned as close as possible to the respective device pins
Note 2: Capacitors C1, C2 and C6 must be positioned as close as possible to the VDD and VSS power supply pins
NEUTRAL
LIVE
+2V5
C2
P1
R10
C1
-2V5
D3
D4
R4
C3
C4
R5
D1
D2
C5
R8
R1
R9
R2
R3
R6
R7
R12
+2V5
-2V5
C6
SA2002H
R11
NEUTRAL
LIVE
FMO
DIR
FOUT
IIN
IIP
VREF
VDD
AGND
IVP
FMO
DIR
VSS
FOUT
U1
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com