Electronic Components Datasheet Search
  English  ▼

X  

AD7703 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7703
Description  20-Bit A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7703 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7703 Datasheet HTML 9Page - Analog Devices AD7703 Datasheet HTML 10Page - Analog Devices AD7703 Datasheet HTML 11Page - Analog Devices AD7703 Datasheet HTML 12Page - Analog Devices AD7703 Datasheet HTML 13Page - Analog Devices AD7703 Datasheet HTML 14Page - Analog Devices AD7703 Datasheet HTML 15Page - Analog Devices AD7703 Datasheet HTML 16Page - Analog Devices AD7703 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
REV. E
–12–
AD7703
INPUT SIGNAL CONDITIONING
Reference voltages from 1 V to 3 V may be used with the AD7703,
with little degradation in performance. Input ranges that cannot
be accommodated by this range of reference voltages may be
achieved by input signal conditioning. This may take the form of
gain to accommodate a smaller signal range, or passive attenua-
tion to reduce a larger input voltage range.
Source Resistance
If passive attenuators are used in front of the AD7703, care must
be taken to ensure that the source impedance is sufficiently low.
The dc input resistance for the AD7703 is over 1 G
W. In paral-
lel with this, there is a small dynamic load that varies with the
clock frequency (see Figure 14).
AIN
R1
R2
CEXT
AGND
AD7703
V OS 100mV
VIN
1G
CIN
10pF
Figure 14. Equivalent Input Circuit and Input Attenuator
Each time the analog input is sampled, a 10 pF capacitor draws a
charge packet of maximum 1 pC (10 pF
¥ 100 mV) from the
analog source with a frequency fCLKIN/256. For a 4.096 MHz
CLKIN, this yields an average current draw of 16 nA. After
each sample, the AD7703 allows 62 clock periods for the input
voltage to settle. The equation that defines settling time is
VO
=VIN [1– e–t/RC]
where VO, is the final settled value, VIN, is the value of the input
signal, R is the value of the input source resistance, and C is the
10 pF sample capacitor. The value of t is equal to 62/fCLKIN.
The following equation can be developed, which gives the maxi-
mum allowable source resistance, RS(MAX), for an error of VE:
R
fpF
mV V
S MAX
CLKIN
E
()
()
(
/
)
=
¥¥
62
10
100
ln
Provided the source resistance is less than this value, the analog
input will settle within the desired error band in the requisite 62
clock periods. Insufficient settling leads to offset errors. These
can be calibrated in system calibration schemes.
If a limit of 600 nV (0.25 LSB at 20 bits) is set for the maximum
offset voltage, then the maximum allowable source resistance is
125 k
W from the above equation, assuming that there is no
external stray capacitance.
An RC filter may be added in front of the AD7703 to reduce
high frequency noise. With an external capacitor added from
AIN to AGND, the following equation will specify the maximum
allowable source resistance:
R
fC
C
mV
C
CC
V
S MAX
CLKIN
IN
EXT
IN
IN
EXT
E
()
()
()
=
¥+
¥
¥
+
È
Î
Í
Í
Í
Í
˘
˚
˙
˙
˙
˙
62
100
ln
The practical limit to the maximum value of source resistance is
thermal (Johnson) noise. A practical resistor may be modeled as
an ideal (noiseless) resistor in series with a noise voltage source
or in parallel with a noise current source:
V
kTRf Volts
n
= 4
ikTf R Amperes
n
= 4/
where k is Boltzmann’s constant (1.38
¥ 10–23 J/K), and T is
temperature in degrees Kelvin (°C + 273).
Active signal conditioning circuits such as op amps generally do
not suffer from problems of high source impedance. Their open-
loop output resistance is normally only tens of ohms and, in any
case, most modern general-purpose op amps have sufficiently fast
closed-loop settling time for this not to be a problem. Offset volt-
age in op amps can be eliminated in a system calibration routine.
Antialias Considerations
The digital filter of the AD7703 does not provide any rejection
at integer multiples of the sampling frequency (nfCLKIN/256,
where n = 1, 2, 3 . . . ).
With a 4.096 MHz master clock, there are narrow (±10 Hz)
bands at 16 kHz, 32 kHz, 48 kHz, and so on, where noise passes
unattenuated to the output.
However, due to the AD7703’s high oversampling ratio of 800
(16 kHz to 20 Hz), these bands occupy only a small fraction of
the spectrum, and most broadband noise is filtered.
The reduction in broadband noise is given by
ee
f
f
e
out
in
C
S
in
==
20 035
/.
where ein and eout are rms noise terms referred to the input, fC is
the filter –3 dB corner frequency (fCLKIN/409600), and fS is the
sampling frequency (fCLKIN/256).
Since the ratio of fS to fCLKIN is fixed, the digital filter reduces
broadband white noise by 96.5% independent of the master
clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com