Electronic Components Datasheet Search
  English  ▼

X  

AD7703 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7703
Description  20-Bit A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7703 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7703 Datasheet HTML 9Page - Analog Devices AD7703 Datasheet HTML 10Page - Analog Devices AD7703 Datasheet HTML 11Page - Analog Devices AD7703 Datasheet HTML 12Page - Analog Devices AD7703 Datasheet HTML 13Page - Analog Devices AD7703 Datasheet HTML 14Page - Analog Devices AD7703 Datasheet HTML 15Page - Analog Devices AD7703 Datasheet HTML 16Page - Analog Devices AD7703 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
REV. E
AD7703
–15–
Synchronous External Clock Mode (SEC)
The SEC mode (MODE pin grounded) is designed for direct
interface to the synchronous serial ports of industry-standard
microprocessors such as the 68HC11 and 68HC05. The SEC
mode also allows customized interfaces, using I/O port pins, to
microprocessors that do not have a direct fit with the AD7703’s
other mode.
As shown in Figure 17, a falling edge on
CS enables the serial
data output with the MSB initially valid. Subsequent data bits
change on the falling edge of an externally supplied SCLK. After
the LSB has been transmitted,
DRDY and SDATA go three-state.
If
CS is low and the AD7703 is still transmitting data when a
new data-word becomes available, the old data-word continues
to be transmitted and the new data is lost.
If
CS is taken high at any time during data transmission, SDATA
will go three-state immediately. If
CS returns low, the AD7703
will continue transmission with the same data bit. If transmis-
sion has not been initiated and completed by the time the next
data-word becomes available, and if
CS is high, DRDY returns
high for four clock cycles, then falls as the new word is loaded
into the output register.
DIGITAL NOISE AND OUTPUT LOADING
As mentioned earlier, the AD7703 divides its internal timing
into two distinct phases, analog sampling and settling and digi-
tal computation. In the SSC mode, data is transmitted only
during the digital computation periods, to minimize the effects
of digital noise on analog performance. In the SEC mode, data
transmission is externally controlled, so this automatic safeguard
does not exist. To compensate, synchronize the AD7703 to the
digital system clock via CLKIN when used in the SEC mode.
Whatever mode of operation is used, resistive and capacitive
loads on digital outputs should be minimized in order to reduce
crosstalk between analog and digital portions of the circuit. For
this reason, connection to low power CMOS logic such as one
of the 4000 series or 74C families is recommended.
DRDY (O)
SDATA (O)
DB19 (MSB)
DB18
DB2
DB1
DB0 (LSB)
HI-Z
SCLK (O)
HI-Z
CS (I)
DB17
Figure 17. Timing Diagram for SEC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com