Electronic Components Datasheet Search
  English  ▼

X  

AD7703 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7703
Description  20-Bit A/D Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7703 Datasheet(HTML) 3 Page - Analog Devices

  AD7703 Datasheet HTML 1Page - Analog Devices AD7703 Datasheet HTML 2Page - Analog Devices AD7703 Datasheet HTML 3Page - Analog Devices AD7703 Datasheet HTML 4Page - Analog Devices AD7703 Datasheet HTML 5Page - Analog Devices AD7703 Datasheet HTML 6Page - Analog Devices AD7703 Datasheet HTML 7Page - Analog Devices AD7703 Datasheet HTML 8Page - Analog Devices AD7703 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
REV. E
–2–
AD7703–SPECIFICATIONS
Parameter
A/S Version
2
B Version
2
C Version
2
Unit
Test Conditions/Comments
STATIC PERFORMANCE
Resolution
20
20
20
Bits
Integral Nonlinearity, TMIN to TMAX
±0.0015
±0.0007
±0.0003
% FSR typ
25°C
±0.003
±0.0015
±0.0008
% FSR max
TMIN to TMAX
±0.003
±0.0015
±0.0012
% FSR max
Differential Nonlinearity, TMIN to TMAX
±0.5
±0.5
±0.5
LSB typ
Guaranteed No Missing Codes
Positive Full-Scale Error
3
±4
±4
±4
LSB typ
±16
±16
±16
LSB max
Full-Scale Drift
4
±19/±37
±19
±19
LSB typ
Unipolar Offset Error
3
±4
±4
±4
LSB typ
±16
±16
±16
LSB max
Unipolar Offset Drift
4
±26
±26
±26
LSB typ
Temp Range: 0°C to +70°C
±67 +48/–400
±67
±67
LSB typ
Specified Temp Range
Bipolar Zero Error
3
±4
±4
±4
LSB typ
±16
±16
±16
LSB max
Bipolar Zero Drift
4
±13
±13
±13
LSB typ
Temp Range: 0°C to +70°C
±34 +24/–200
±34
±34
LSB typ
Specified Temp Range
Bipolar Negative Full-Scale Errors
3
±8
±8
±8
LSB typ
±32
±32
±32
LSB max
Bipolar Negative Full-Scale Drift
4
±10/±20
±10
±10
LSB typ
Noise (Referred to Output)
1.6
1.6
1.6
LSB rms typ
DYNAMIC PERFORMANCE
Sampling Frequency, fS
fCLKIN/256
fCLKIN/256
fCLKIN/256
Hz
Output Update Rate, fOUT
fCLKIN/1024
fCLKIN/1024
fCLKIN/1024
Hz
Filter Corner Frequency, f–3 dB
fCLKIN/409,600
fCLKIN/409,600
fCLKIN/409,600
Hz
Settling Time to ±0.0007% FS
507904/fCLKIN
507904/fCLKIN
507904/fCLKIN
sec
For Full-Scale Input Step
SYSTEM CALIBRATION
Positive Full-Scale Calibration Range
VREF + 0.1
VREF + 0.1
VREF + 0.1
V max
System calibration applies to
Positive Full-Scale Overrange
VREF + 0.1
VREF + 0.1
VREF + 0.1
V max
unipolar and bipolar ranges.
Negative Full-Scale Overrange
–(VREF + 0.1)
–(VREF + 0.1)
–(VREF + 0.1)
V max
After calibration, if AIN > VREF,
Maximum Offset Calibration Ranges
5, 6
the device will output all 1s.
Unipolar Input Range
–(VREF + 0.1)
–(VREF + 0.1)
–(VREF + 0.1)
V max
If AIN < 0 (unipolar) or –VREF
Bipolar Input Range
–0.4 VREF to +0.4 VREF –0.4 VREF to +0.4 VREF –0.4 VREF to +0.4 VREF V max
(bipolar), the device will
Input Span
7
0.8 VREF
0.8 VREF
0.8 VREF
V min
output all 0s.
2 VREF + 0.2
2 VREF + 0.2
2 VREF + 0.2
V max
ANALOG INPUT
Unipolar Input Range
0 to 2.5
0 to 2.5
0 to 2.5
V
Bipolar Input Range
±2.5
±2.5
±2.5
V
Input Capacitance
20
20
20
pF typ
Input Bias Current
1
111nA typ
LOGIC INPUTS
All Inputs Except CLKIN
VINL, Input Low Voltage
0.8
0.8
0.8
V max
VINH, Input High Voltage
2.0
2.0
2.0
V min
CLKIN
VINL, Input Low Voltage
0.8
0.8
0.8
V max
VINH, Input High Voltage
3.5
3.5
3.5
V min
IIN, Input Current
10
10
10
µA max
LOGIC OUTPUTS
VOL, Output Low Voltage
0.4
0.4
0.4
V max
ISINK = 1.6 mA
VOH, Output High Voltage
DVDD – 1DVDD – 1DVDD – 1V min
ISOURCE = 100 µA
Floating State Leakage Current
±10
±10
±10
µA max
Floating State Output Capacitance
999pF typ
POWER REQUIREMENTS
Power Supply Voltages
Analog Positive Supply (AVDD)
4.5/5.5
4.5/5.5
4.5/5.5
V min/V max
For Specified Performance
Digital Positive Supply (DVDD)
4.5/AVDD
4.5/AVDD
4.5/AVDD
V min/V max
Analog Negative Supply (AVSS)
–4.5/–5.5
–4.5/–5.5
–4.5/–5.5
V min/V max
Digital Negative Supply (DVSS)
–4.5/–5.5
–4.5/–5.5
–4.5/–5.5
V min/V max
Calibration Memory Retention
Power Supply Voltage
2.0
2.0
2.0
V min
(TA = 25 C; AVDD = DVDD = +5 V; AVSS = DVSS = –5 V; VREF = +2.5 V; fCLKIN = 4.096 MHz;
BP/
UP = +5 V; MODE = +5 V; A
IN Source Resistance = 1 k
1 with 1 nF to AGND at A
IN; unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com