Electronic Components Datasheet Search
  English  ▼

X  

ADATE302-02BBCZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADATE302-02BBCZ
Description  500 MHz Dual Integrated DCL
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE302-02BBCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADATE302-02BBCZ Datasheet HTML 30Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 31Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 32Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 33Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 34Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 35Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 36Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 37Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
ADATE302-02
Rev. A | Page 33 of 58
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
–2
–1
0
1
2
3
45
INPUT COMMON-MODE VOLTAGE (V)
Figure 40. Differential Comparator CMRR
TIME (ns)
0
102030
40
5
3
0
–3
–6
–9
–12
–15
0
DRIVER ACTIVE LOW (VL)
TO/FROM FULL LOAD CURRENT
FULL LOAD CURRENTTO/FROM
DRIVER ACTIVE LOW (VL)
Figure 41. Active Load Response
–2
–1
01
234
56
–15
–10
–5
0
5
10
15
VDUTx (V)
Figure 42. Active Load Commutation Response;
VCOM = 2.0 V; IOH = IOL = 12 mA
–6
–4
–2
0
2
4
6
8
0
2
4
6
8
10
12
ACTIVE LOAD CURRENT (mA)
Figure 43. Active Load Current Linearity
–2
–1
012
345
6
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
VCOM VOLTAGE (V)
Figure 44. Active Load VCOM Linearity
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–2
–1
0123
456
VDUTx (V)
Figure 45. DUTx Pin Leakage Current in Low Leakage Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com