Electronic Components Datasheet Search
  English  ▼

X  

ADATE302-02BBCZ Datasheet(PDF) 46 Page - Analog Devices

Part # ADATE302-02BBCZ
Description  500 MHz Dual Integrated DCL
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE302-02BBCZ Datasheet(HTML) 46 Page - Analog Devices

Back Button ADATE302-02BBCZ Datasheet HTML 42Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 43Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 44Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 45Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 46Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 47Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 48Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 49Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
ADATE302-02
Rev. A | Page 45 of 58
DETAILS OF REGISTERS
Table 22. PE/PMU Enable (ADDR[4:0] = 0x0C)
Bit
Name
Description
Data[2]
PMU enable
0 = disable PMU force output and clamps, place PMU in MV mode
1 = enable PMU force output
When set to 0, the PMU State bits are ignored, except for PMU Sense Path (Data[7]).
Data[1]
Force VT
0 = normal driver operation
1 = force driver to VT
See Table 30 for complete functionality of this bit.
Data[0]
PE disable
0 = enable driver functions
1 = disable driver (low leakage)
See Table 30 for complete functionality of this bit.
Table 23. Channel State (ADDR[4:0] = 0x0D)
Bit
Name
Description
Data[2]
HVOUT mode select
0 = HVOUT driver in low impedance
1 = enable HVOUT driver
This bit affects Channel 0 only. Ensure that Channel 0 bit in SPI write is active.
Channel 1 bit in SPI write is don’t care.
Data[1]
Load enable
0 = disable load
1 = enable load
See Table 30 for complete functionality of this bit.
Data[0]
Driver high-Z/VT
0 = enable driver high-Z function
1 = enable driver VTERM function
See Table 30 for complete functionality of this bit.
Table 24. PMU State (ADDR[4:0] = 0x0E)1, 2
Bit
Name
Description
Data[9:8]
PMU input selection
00 = VDUTGND (calibrated for 0.0 V voltage reference)
01 = 2.5 V + VDUTGND (calibrated for 0.0 A current reference)
1X = PMUDAC
Data[7]
PMU sense path
0 = internal sense
1 = external sense
Data[6]
Reserved
Data[5]
PMU clamp enable
0 = disable clamps
1 = enable clamps
Data[4]
PMU measure V/I
0 = measure voltage mode
1 = measure current mode
Data[3]
PMU force V/I
0 = force voltage mode
1 = force current mode
Data[2:0]
PMU range
0XX = Range E (2 μA)
100 = Range D (20 μA)
101 = Range C (200 μA)
110 = Range B (2 mA)
111 = Range A (25 mA)
1 Note that when the ADDR[4:0] = 0x0C PMU enable bit (Data[2]) = 0, the PMU force outputs and clamps are disabled, and the PMU is placed into measure voltage
mode. Data[9:8] and Data[6:0] of the PMU state register are ignored, and only Data[7], the PMU sense path bit, is valid.
2 X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com