Electronic Components Datasheet Search
  English  ▼

X  

ADATE320 Datasheet(PDF) 4 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 4 Page - Analog Devices

  ADATE320 Datasheet HTML 1Page - Analog Devices ADATE320 Datasheet HTML 2Page - Analog Devices ADATE320 Datasheet HTML 3Page - Analog Devices ADATE320 Datasheet HTML 4Page - Analog Devices ADATE320 Datasheet HTML 5Page - Analog Devices ADATE320 Datasheet HTML 6Page - Analog Devices ADATE320 Datasheet HTML 7Page - Analog Devices ADATE320 Datasheet HTML 8Page - Analog Devices ADATE320 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
Data Sheet
ADATE320
Rev. B | Page 3 of 82
FUNCTIONAL BLOCK DIAGRAM
+
–
VIL0
VIT0/VCOM0
VIH0
VOL0
DUT0
VTTD0
CMPH0/CMPH0
CMPL0/CMPL0
NWC
NWC
DIFF
DRIVER
LOAD
COMPARATOR
50Ω
PPMU_S0
THERM
PPMU_M0
PMU
CHANNEL 0
S
F
OUT
PMU0
PCH0
PCL0
VCH0
VCL0
OVDH
OVDL
TO ALARM
(HIGH/LOW
VOLTAGE FAULT)
PPMU_CMP0
VTTC0
TO ALARM
(HIGH/LOW
CLAMP FAULT)
POH0
POL0
MUX
OVER
VOLTAGE
MUX
MUX
MUX
CHANNEL 1
(SAME AS CHANNEL 0 EXCEPT WHERE NOTED ABOVE)
COMMON
SPI
RST
MUX
TEMP
SENSOR
VTHERM
ALARM
ALARM
VDD
AGND
PGND
VEE
DGND
VCC
SDO
SCLK
SDI
DAT0/DAT0
RCV0/RCV0
GAIN/OFFSET
CORRECTION
2 × 16
16-BIT DACs
BUSY
CS
CH0 ONLY
IOH0
IOL0
PPMU
GO/NO-GO
50Ω
50Ω
VOH0
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com