Electronic Components Datasheet Search
  English  ▼

X  

ADATE320 Datasheet(PDF) 57 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 57 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 53Page - Analog Devices ADATE320 Datasheet HTML 54Page - Analog Devices ADATE320 Datasheet HTML 55Page - Analog Devices ADATE320 Datasheet HTML 56Page - Analog Devices ADATE320 Datasheet HTML 57Page - Analog Devices ADATE320 Datasheet HTML 58Page - Analog Devices ADATE320 Datasheet HTML 59Page - Analog Devices ADATE320 Datasheet HTML 60Page - Analog Devices ADATE320 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 56 of 82
Table 28. m and c Calibration Register Selection1
SPI
Address
[Channel]
DAC
Name
Functional (DAC Usage)
Description
m
Register
c
Register
DMC_
ENABLE
(Address
0x1A[0])
LOAD_
ENABLE_x
(Address
0x1B[0])
PPMU_
MEAS_VI_x
(Address
0x1C[6])
PPMU_
FORCE_VI_x
(Address
0x1C[5])
PPMU_
RANGE_x
(Address
0x1C[4:2])
0x01[0]
VIH0
Driver high level, Channel 0
0x21[0]
0x31[0]
X
X
X
X
XXX
0x01[1]
VIH1
Driver high level, Channel 1
0x21[1]
0x31[1]
X
X
X
X
XXX
0x02[0]
VIT0/
VCOM0
Driver term level, Channel 0
0x22[0]
0x32[0]
X
0
X
X
XXX
Load commutation voltage,
Channel 0
0x42[0]
0x52[0]
X
1
X
X
XXX
0x02[1]
VIT1/
VCOM0
Driver termination level,
Channel 1
0x22[1]
0x32[1]
X
0
X
X
XXX
Load commutation voltage,
Channel 1
0x42[1]
0x52[1]
X
1
X
X
XXX
0x03[0]
VIL0
Driver low level, Channel 0
0x23[0]
0x33[0]
X
X
X
X
XXX
0x03[1]
VIL1
Driver low level, Channel 1
0x23[1]
0x33[1]
X
X
X
X
XXX
0x04[0]
VCH0
Reflection clamp high level,
Channel 0
0x24[0]
0x34[0]
X
X
X
X
XXX
0x04[1]
VCH1
Reflection clamp high level,
Channel 1
0x24[1]
0x34[1]
X
X
X
X
XXX
0x05[0]
VCL0
Reflection clamp low level,
Channel 0
0x25[0]
0x35[0]
X
X
X
X
XXX
0x05[1]
VCL1
Reflection clamp low level,
Channel 1
0x25[1]
0x35[1]
X
X
X
X
XXX
0x06[0]
VOH0
Normal window comparator
high level, Channel 0
0x26[0]
0x36[0]
0
X
X
X
XXX
Differential mode comparator
high level, Channel 0
0x46[0]
0x56[0]
1
X
X
X
XXX
0x06[1]
VOH1
Normal window comparator
high level, Channel 1
0x26[1]
0x36[1]
X
X
X
X
XXX
0x07[0]
VOL0
Normal window comparator
low level, Channel 0
0x27[0]
0x37[0]
0
X
X
X
XXX
Differential mode comparator
low level, Channel 0
0x47[0]
0x57[0]
1
X
X
X
XXX
0x07[1]
VOL1
Normal window comparator
low level, Channel 1
0x27[1]
0x37[1]
X
X
X
X
XXX
0x08[0]
VIOH0
Load IOHx level, Channel 0
0x28[0]
0x38[0]
X
X
X
X
XXX
0x08[1]
VIOH1
Load IOHx level, Channel 1
0x28[1]
0x38[1]
X
X
X
X
XXX
0x09[0]
VIOL0
Load IOL level, Channel 0
0x29[0]
0x39[0]
X
X
X
X
XXX
0x09[1]
VIOL1
Load IOL level, Channel 1
0x29[1]
0x39[1]
X
X
X
X
XXX
0x0A[0]
PPMU0
PPMU VIN FV level, Channel 0
0x2A[0]
0x3A[0]
X
X
X
0
XXX
PPMU VIN FI level Range A,
Channel 0
0x4A[0]
0x5A[0]
X
X
X
1
111
PPMU VIN FI level Range B,
Channel 0
0x4B[0]
0x5A[0]
X
X
X
1
110
PPMU VIN FI level Range C,
Channel 0
0x4C[0]
0x5A[0]
X
X
X
1
101
PPMU VIN FI level Range D,
Channel 0
0x4D[0]
0x5A[0]
X
X
X
1
100
PPMU VIN FI level Range E,
Channel 0
0x4E[0]
0x5A[0]
X
X
X
1
0XX
0x0A[1]
PPMU1
PPMU VIN FV level, Channel 1
0x2A[1]
0x3A[1]
X
X
X
0
XXX
PPMU VIN FI level Range A,
Channel 1
0x4A[1]
0x5A[1]
X
X
X
1
111
PPMU VIN FI level Range B,
Channel 1
0x4B[1]
0x5A[1]
X
X
X
1
110
PPMU VIN FI level Range C,
Channel 1
0x4C[1]
0x5A[1]
X
X
X
1
101
PPMU VIN FI level Range D,
Channel 1
0x4D[1]
0x5A[1]
X
X
X
1
100
PPMU VIN FI level Range E,
Channel 1
0x4E[1]
0x5A[1]
X
X
X
1
0XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com