Electronic Components Datasheet Search
  English  ▼

X  

ADATE320 Datasheet(PDF) 59 Page - Analog Devices

Part # ADATE320
Description  1.25 GHz Dual Integrated DCL
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE320 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADATE320 Datasheet HTML 55Page - Analog Devices ADATE320 Datasheet HTML 56Page - Analog Devices ADATE320 Datasheet HTML 57Page - Analog Devices ADATE320 Datasheet HTML 58Page - Analog Devices ADATE320 Datasheet HTML 59Page - Analog Devices ADATE320 Datasheet HTML 60Page - Analog Devices ADATE320 Datasheet HTML 61Page - Analog Devices ADATE320 Datasheet HTML 62Page - Analog Devices ADATE320 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 83 page
background image
ADATE320
Data Sheet
Rev. B | Page 58 of 82
SPI
Address
[Channel]
DAC
Name
Functional (DAC Usage)
Description
m
Register
c
Register
DMC_
ENABLE
(Address
0x1A[0])
LOAD_
ENABLE_x
(Address
0x1B[0])
PPMU_
MEAS_VI_x
(Address
0x1C[6])
PPMU_
FORCE_VI_x
(Address
0x1C[5])
PPMU_
RANGE_x
(Address
0x1C[4:2])
0x0E[1]
POL1
PPMU go/no-go MV low level,
Channel 1
0x2E[1]
0x3E[1]
X
X
0
X
XXX
PPMU go/no-go MI Range A
low level, Channel 1
0x66[1]
0x5E[1]
X
X
1
X
111
PPMU go/no-go MI Range B
low level, Channel 1
0x67[1]
0x5E[1]
X
X
1
X
110
PPMU go/no-go MI Range C
low level, Channel 1
0x68[1]
0x5E[1]
X
X
1
X
101
PPMU go/no-go MI Range D
low level, Channel 1
0x69[1]
0x5E[1]
X
X
1
X
100
PPMU go/no-go MI Range E
low level, Channel 1
0x6A[1]
0x5E[1]
X
X
1
X
0XX
0x0F[0]
OVDL
Overvoltage detect low level
0x2F[0]
0x3F[0]
X
X
X
X
XXX
0x0F[1]
OVDH
Overvoltage detect high level
0x2F[1]
0x3F[1]
X
X
X
X
XXX
1
X means don’t care.
M REGISTER C
EXAMPLE: VOL0 (ADDR: 0x07, CH0)
DAC X1 REGISTER
M REGISTER B
M REGISTER A
C REGISTER C
C REGISTER B
C REGISTER A
PIN ELECTRONICS FUNCTIONAL
MODE AND RANGE SETTINGS
EXAMPLE: DMC_ENABLE (ADDR: 0x1A[0])
×
+
DAC X2 REGISTER
WRITE
READ
DAC_CAL_ENABLE (ADDR: 0x11[0])
DAC_LOAD (ADDR: 0x11[2])
DAC
SPI
0
1
A
B
C
A
B
C
DAC IMMEDIATE
MODE ONE-SHOT
DAC_LOAD_MODE (ADDR: 0x11[1])
n × SCLK
DELAY
1 = DEFERRED
0 = IMMEDIATE
Figure 130. DAC X2 Registers and Calibration Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com