Electronic Components Datasheet Search
  English  ▼

X  

LMX2525 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2525
Description  PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2525 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX2525 Datasheet HTML 8Page - National Semiconductor (TI) LMX2525 Datasheet HTML 9Page - National Semiconductor (TI) LMX2525 Datasheet HTML 10Page - National Semiconductor (TI) LMX2525 Datasheet HTML 11Page - National Semiconductor (TI) LMX2525 Datasheet HTML 12Page - National Semiconductor (TI) LMX2525 Datasheet HTML 13Page - National Semiconductor (TI) LMX2525 Datasheet HTML 14Page - National Semiconductor (TI) LMX2525 Datasheet HTML 15Page - National Semiconductor (TI) LMX2525 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Programming Description
GENERAL PROGRAMMING INFORMATION
The serial interface has a 24-bit shift register to store the incoming data bits temporarily. The incoming data is first loaded into the
shift register from MSB to LSB. The data is shifted at the rising edge of the clock signal. When the latch enable signal transitions
from LOW to HIGH, the data stored in shift register is transferred to the proper register depending on the address bit setting. The
selection of the particular register is determined by the control bits indicated in boldface text.
At initial start-up, the MICROWIRE loading requires three default words (registers R2, loaded first, to R0, loaded last). After the
device has been initially programmed, the RF VCO frequency can be changed using a single register (R0).
The control register content map describes how the bits within each control register are allocated to the specific control functions.
COMPLETE REGISTER MAP
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
5
4
3
2
1
0
R0
(Default)
RX/
TX
RF_
PD
HS
0
BS
RF_B
[3:0]
RF_A
[2:0]
RF_FN
[9:0]
00
R1
(Default)
SPI_
DEF
0
0
10
01010000
0
010LDOB_
CRL
[1:0]
OSC_
FREQ
[1:0]
01
R2
(Default)
1
1
0
0
1
00001111
0
0000
0
0
0
1
10
R3
1
0
0
0
0
11010000
0
0000
0
1
1
01
1
R4
0
0
0
0
0
01110100
0
1100
1
0
011
1
R5
0
0
0
0
0
00000000
0
0000
0
0
111
1
Note: R0 control register will be used when hot start frequency change.
Note: Boldface text represent address bits.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com