Electronic Components Datasheet Search
  English  ▼

X  

LMX2525 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2525
Description  PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2525 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMX2525 Datasheet HTML 9Page - National Semiconductor (TI) LMX2525 Datasheet HTML 10Page - National Semiconductor (TI) LMX2525 Datasheet HTML 11Page - National Semiconductor (TI) LMX2525 Datasheet HTML 12Page - National Semiconductor (TI) LMX2525 Datasheet HTML 13Page - National Semiconductor (TI) LMX2525 Datasheet HTML 14Page - National Semiconductor (TI) LMX2525 Datasheet HTML 15Page - National Semiconductor (TI) LMX2525 Datasheet HTML 16Page - National Semiconductor (TI) LMX2525 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Programming Description (Continued)
R2 REGISTER
The R2 register address bits (R2 [1:0]) are “10”.
R2 REGISTER
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
Data Field
Address
Field
R2
(Default)
1
100100001111
0
00000001
10
R3 REGISTER
The R3 register address bits (R3 [2:0]) are “011”. This register is only written to if the SPI_DEF bit is set to 0.
R3 REGISTER
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
Data Field
Address
Field
R3
1
000011010000
0
0000011
01
1
R4 REGISTER
The R4 register address bits (R4 [3:0]) are “0111”. This register is only written to if the SPI_DEF bit is set to 0.
R4 REGISTER
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654321
0
Data Field
Address
Field
R4
0
000001110100
0
110010
011
1
R5 REGISTER
The R5 register address bits (R5 [4:0]) are “01111”. This register is only written to if the SPI_DEF bit is set to 0.
R5 REGISTER
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98765
4321
0
Data Field
Address Field
R5
0
000000000000
0
00000
0111
1
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com