Electronic Components Datasheet Search
  English  ▼

X  

LMX2525 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2525
Description  PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2525 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LMX2525 Datasheet HTML 9Page - National Semiconductor (TI) LMX2525 Datasheet HTML 10Page - National Semiconductor (TI) LMX2525 Datasheet HTML 11Page - National Semiconductor (TI) LMX2525 Datasheet HTML 12Page - National Semiconductor (TI) LMX2525 Datasheet HTML 13Page - National Semiconductor (TI) LMX2525 Datasheet HTML 14Page - National Semiconductor (TI) LMX2525 Datasheet HTML 15Page - National Semiconductor (TI) LMX2525 Datasheet HTML 16Page - National Semiconductor (TI) LMX2525 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Programming Description (Continued)
R1 REGISTER
The R1 register address bits (R1 [1:0]) are “01”.
The SPI_DEF bit allows for the programming of words R3 to R5. Under most circumstances, the SPI_DEF bit should be set to
1.
The LD bit sets the function of the lock detect pin. Enabling the lock detect function provides a digital lock detect output of the
active RF synthesizer at the LD pin.
The OB_CRL [1:0] bits determine the power level of the RF output buffer. The power level can be adjusted to best meet the
system requirement. Refer to the Electrical Characteristics section for power output specifications.
The reference frequency selection bits, OSC_FREQ [1:0], are used to set the reference clock and R divider for use with one of
the following reference frequencies: 12.6 MHz, 14.4 MHz, 25.2 MHz or 26.0 MHz. The LMX2525 uses the OSC_FREQ bits along
with the BS and RX/TX bits to determine the correct divide ratios needed to meet the required channel spacing for the mode of
operation selected. Refer to Table 6 for a summary of denominator values.
R1 REGISTER
MSB
SHIFT REGISTER BIT LOCATION
LSB
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9876
5
4
3
2
1
0
Data Field
Address
Field
R1
(Default)
SPI_
DEF
001001010000
0
010LDOB_
CRL
[1:0]
OSC_
FREQ
[1:0]
01
Name
Functions
SPI_DEF
Default Register Selection
0 = OFF (Use values set in R0 to R5)
1 = ON (Use default values set in R0 to R2)
LD
Lock Detect
0 = Disable (GND)
1 = Enable
OB_CRL [1:0]
Output Buffer Control
00 = Minimum Output Power
01 =
10 =
11 = Maximum Output Power
OSC_FREQ [1:0]
Reference Frequency Selection
00 = 12.6 MHz
01 = 14.4 MHz
10 = 25.2 MHz
11 = 26.0 MHz
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com