Electronic Components Datasheet Search
  English  ▼

X  

LT6550CMS Datasheet(PDF) 9 Page - Linear Technology

Part # LT6550CMS
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6550CMS Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6550CMS Datasheet HTML 5Page - Linear Technology LT6550CMS Datasheet HTML 6Page - Linear Technology LT6550CMS Datasheet HTML 7Page - Linear Technology LT6550CMS Datasheet HTML 8Page - Linear Technology LT6550CMS Datasheet HTML 9Page - Linear Technology LT6550CMS Datasheet HTML 10Page - Linear Technology LT6550CMS Datasheet HTML 11Page - Linear Technology LT6550CMS Datasheet HTML 12Page - Linear Technology LT6550CMS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6550/LT6551
9
65501f
FREQUENCY (Hz)
12
11
10
9
8
7
6
5
4
3
2
MM
10k
100k
6550/51 G31
1M
100M 500M
10M
VS = ±5V
VOUT = 0V DC
RL = 150Ω
CL = 150pF
CL = 10pF
CL = 100pF
CL = 50pF
TEMPERATURE (
°C)
–50
800
750
700
650
600
550
500
25
75
6550/51 G32
–25
0
50
100
125
VS = ±5V
RL = 150Ω
RISING
FALLING
FREQUENCY (Hz)
60
50
40
30
20
10
0
–10
10k
1M
10M
1000M
6550/51 G33
100k
100M
+PSRR
–PSRR
VS = ±5V
VOUT = 0V DC
RL = 150Ω
FREQUENCY (Hz)
10k
1M
10M
100M
6550/51 G34
100k
100
10
1
0.1
VS = ±5V
VOUT = 0V DC
FREQUENCY (Hz)
100
90
80
70
60
50
40
30
20
10
0
10k
1M
10M
1000M
6550/51 G35
100k
100M
VS = ±5V
RL = 150Ω
ANY CHANNEL PAIR
FREQUENCY (Hz)
100k
–30
–40
–50
–60
–70
–80
–90
1M
10M
6550/51 G36
VS = ±5V
VO = 2VP-P
RL = 150Ω
2ND
3RD
6550/51 G37
CL = 20pF
VS = ±5V
RL = 150Ω
0V
FREQUENCY (Hz)
6.2
6.1
6.0
5.9
5.8
5.7
10k
1M
10M
100M
6550/51 G29
100k
VS = ±5V
VOUT = 0V DC
RL = 150Ω
FREQUENCY (Hz)
0
–0.2
–0.4
–0.6
–0.8
–1.0
10k
1M
10M
1000M
6550/51 G30
100k
100M
VS = ±5V
ANY CHANNEL PAIR
Gain Flatness vs Frequency
Gain Matching vs Frequency
Frequency Response with
Capacitive Loads
Slew Rate
Power Supply Rejection Ratio vs
Frequency
Output Impedance vs Frequency
Channel Separation vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency
Large Signal Response
±5V TYPICAL PERFOR A CE CHARACTERISTICS
VGND (Pin 4) = 0V
(LT6550 Only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com