Electronic Components Datasheet Search
  English  ▼

X  

LT6550CMS Datasheet(PDF) 11 Page - Linear Technology

Part # LT6550CMS
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6550CMS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6550CMS Datasheet HTML 7Page - Linear Technology LT6550CMS Datasheet HTML 8Page - Linear Technology LT6550CMS Datasheet HTML 9Page - Linear Technology LT6550CMS Datasheet HTML 10Page - Linear Technology LT6550CMS Datasheet HTML 11Page - Linear Technology LT6550CMS Datasheet HTML 12Page - Linear Technology LT6550CMS Datasheet HTML 13Page - Linear Technology LT6550CMS Datasheet HTML 14Page - Linear Technology LT6550CMS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT6550/LT6551
11
65501f
APPLICATIO S I FOR ATIO
Amplifier Characteristics
Figure 1 shows a simplified schematic of one channel of
the LT6551 quad. Resistors RF and RG provide an internal
gain of 2. (The LT6550 triple is a slight variation with the
gain setting resistor, RG, connected to a separate ground
pin). The input stage consists of transistors Q1 to Q8 and
resistor R1. This topology allows for high slew rates at low
supply voltages. There are back-to-back series diodes, D1
to D4, across the + and – inputs of each amplifier to limit
the differential input voltage to
±1.4V. RIN limits the
current through these diodes if the input differential volt-
age exceeds
±1.4V. The input stage drives the degenera-
tion resistors of PNP and NPN current mirrors, Q9 to Q12,
that convert the differential signals into a single-ended
output. The complementary drive generator supplies cur-
rent to the output transistors that swing from rail-to-rail.
Input Voltage Range
The input voltage range is VEE to (VCC – 1.75V) over
temperature. If the device is operated on a single 3V supply
Figure 1. LT6551 Simplified Schematic
the maximum input is (3V – 1.75V) or 1.25V, and the
internal gain of two will set the output voltage to 2.5V.
Increasing the input beyond 1.25V will force the device out
of its linear range, no longer a gain of 2, and the output will
not increase beyond 2.5V. At a higher supply voltage, i.e.
5V, the maximum input voltage is 5V – 1.75V or 3.25V.
However, due to the internal gain of 2, the output will clip
with a lower input voltage. For linear unclipped operation
the minimum input voltage is (VOUT Min)/2 and the maxi-
mum input voltage is (VOUT Max)/2 or (VCC – 1.75V),
whichever is less.
ESD
The LT6550/LT6551 have reverse-biased ESD protection
diodes on all inputs and outputs as shown in Figure 1. If
these pins are forced beyond either supply, unlimited
current will flow through these diodes. If the current is
limited to 10mA or less, no damage to the device will
occur.
COMPLEMENTARY
DRIVE
GENERATOR
6551 F01
OUT
V+
GND
DESD3
DESD4
DESD1
DESD2
IN
D3
D4
D1
D2
I1
I2
I3
I4
Q1
Q2
Q3
Q4
Q5
Q10
Q13
Q9
Q12
Q14
Q11
Q6
Q7
Q8
RIN
225
Ω
RG
450
Ω
RF
450
Ω
R1
R2
R3
R4
R5
CM
V+
GND
V+
GND
+–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com