Electronic Components Datasheet Search
  English  ▼

X  

LT6550CMS Datasheet(PDF) 12 Page - Linear Technology

Part # LT6550CMS
Description  3.3V Triple and Quad Video Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6550CMS Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6550CMS Datasheet HTML 8Page - Linear Technology LT6550CMS Datasheet HTML 9Page - Linear Technology LT6550CMS Datasheet HTML 10Page - Linear Technology LT6550CMS Datasheet HTML 11Page - Linear Technology LT6550CMS Datasheet HTML 12Page - Linear Technology LT6550CMS Datasheet HTML 13Page - Linear Technology LT6550CMS Datasheet HTML 14Page - Linear Technology LT6550CMS Datasheet HTML 15Page - Linear Technology LT6550CMS Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LT6550/LT6551
12
65501f
Power Dissipation
The LT6550/LT6551, enhanced
θJA MS package, has
Pin 5 (VEE for the LT6550 and GND for the LT6551) fused
to the lead frame. This thermal connection increases the
efficiency of the PC board as a heat sink. The PCB material
can be very effective at transmitting heat between the pad
area attached to Pin 5 and a ground or power plane layer.
Copper board stiffeners and plated through holes can also
be used to spread the heat generated by the device. Table 1
lists the thermal resistance for several different board
sizes and copper areas. All measurements were taken on
3/32” FR-4 board with 2oz copper. This data can be used
as a rough guideline in estimating thermal resistance. The
thermal resistance for each application will be affected by
thermal interactions with other components as well as
board size and shape.
Table 1. Fused 10-Lead MSOP Package
COPPER AREA
TOPSIDE*
BACKSIDE
BOARD AREA
THERMAL RESISTANCE
(mm2)
(mm2)
(mm2)
(JUNTION-TO-AMBIENT)
540
540
2500
110
°C/W
100
100
2500
120
°C/W
100
0
2500
130
°C/W
30
0
2500
135
°C/W
0
0
2500
140
°C/W
*Device is mounted on topside.
As an example, calculate the junction temperature for the
circuit in Figure 2 assuming an 85
°Cambienttemperature.
The device dissipation can be found by measuring the
supply current, calculating the total dissipation and then
subtracting the dissipation in the load.
The dissipation for the amplifiers is:
PD = (106mA)(5V) – 4 • (2.5V)2/150 = 363mW
The total package power dissipation is 363mW. When a
2500 sq mm PC board with 540 sq mm of 2oz copper on
top and bottom is used, the thermal resistance is
110
°C/W. The junction temperature (TJ) is:
TJ = (363mW)(110°C/W) + 85°C = 125°C
The maximum junction temperature for the LT6551 is
150
°C so the heat sinking capability of the board is
adequate for the application.
Figure 2. Calculating Junction Temperature
+
–
5V
1.25V
OA
450
Ω
450
Ω
+
–
OA
450
Ω
450
Ω
+
–
OA
450
Ω
450
Ω
+
–
GND
OA
450
Ω
450
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
LT6551
6551 F02
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com