Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-MSD04F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF06-MSD04F3
Description  6-line low capacitance IPAD™ for micro-SD cardwith EMI filtering and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD04F3 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF06-MSD04F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Layout recommendations
EMIF06-MSD04F3
6/9
Doc ID 018849 Rev 1
2
Layout recommendations
Figure 10.
Layout recommendations
3
Ordering information scheme
Figure 11.
Ordering information scheme
Clk
Dat0
CMD
Dat1
Dat2
Vss
Vcc
Vcc
NC
NC
Vss
Top View
Clk
Dat0
CMD
Dat1
Dat3/CD
Dat2
Input
Output
Top level
Second level
Dat3/CD
EMIF 06 -
MSD 04 F3
EMI filter
Number of lines
Application
MSD = micro SD card
Version
04 = 7.5 pF line capacitance
Package
F = Flip Chip
3= lead-free, pitch = 400 µm, bump = 255 µm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com