Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-MSD04F3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF06-MSD04F3
Description  6-line low capacitance IPAD™ for micro-SD cardwith EMI filtering and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD04F3 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF06-MSD04F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
EMIF06-MSD04F3
2/9
Doc ID 018849 Rev 1
1
Characteristics
Figure 2.
EMIF06-MSD04F3 configuration
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2, level 4
Air discharge, card side
Contact discharge, card side
Air discharge, IC side
Contact discharge, IC side
15
8
2
2
kV
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
- 40 to + 85
°C
Tstg
Storage temperature range
- 55 to + 150
°C
Table 2.
Pin configuration
Pin
Signal
Pin
Signal
A1
Dat0
C1
CMD
A2
Dat1
C2
Vss
A3
SDDat1
C3
Vss
A4
SDDda0
C4
SDCMD
B1
Clk
D1
Dat3/CD
B2
Vcc
D2
Dat2
B3
Vss
D3
SDDat2
B4
SDClk
D4
SDDat3/CD
Vss
Vcc
Clk
CMD
Dat0
Dat1
Dat2
Dat3/CD
SDClk
SDCMD
SDDat0
SDDat1
SDDat2
SDDat3/CD
Card
side
R1
R2
R3
R4
R5
R6
Host
side



Html Pages

1 2 3 4 5 6 7 8 9