Electronic Components Datasheet Search
  English  ▼

X  

EMIF06-MSD04F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # EMIF06-MSD04F3
Description  6-line low capacitance IPAD™ for micro-SD cardwith EMI filtering and ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF06-MSD04F3 Datasheet(HTML) 4 Page - STMicroelectronics

  EMIF06-MSD04F3 Datasheet HTML 1Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 2Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 3Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 4Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 5Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 6Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 7Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 8Page - STMicroelectronics EMIF06-MSD04F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
EMIF06-MSD04F3
4/9
Doc ID 018849 Rev 1
Figure 7.
Digital crosstalk measurements
Figure 5.
Line capacitance versus applied
voltage (typical values)
Figure 6.
Line capacitance versus frequency
(typical values)
Cline (pF)
0
1
2
3
4
5
6
7
8
9
10
11
12
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
F=10 MHz
V
OSC=30 mVRMS
T
AMB=25 °C
VBIAS(V)
Cline (pF)
VOSC=30 mVRMS
TAMB=25 °C
VBIAS=1.8 V
VBIAS=2.9 V
F (MHz)
1
10
100
500
8
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com