Electronic Components Datasheet Search
  English  ▼

X  

MK3805RI Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # MK3805RI
Description  Buffer/Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3805RI Datasheet(HTML) 2 Page - Integrated Circuit Systems

  MK3805RI Datasheet HTML 1Page - Integrated Circuit Systems MK3805RI Datasheet HTML 2Page - Integrated Circuit Systems MK3805RI Datasheet HTML 3Page - Integrated Circuit Systems MK3805RI Datasheet HTML 4Page - Integrated Circuit Systems MK3805RI Datasheet HTML 5Page - Integrated Circuit Systems MK3805RI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Buffer/Clock Driver
MDS 3805 B
2
Revision 031104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
MK3805
Pin Assignment
Truth Table
Pin Descriptions
13
4
12
5
11
GND
8
9
10
GND
GND
MON
INB
OEA
OEB
17
16
INA
3
OA1
OA2
OB2
18
OB1
1
VCC
OA0
OB0
20
VCC
19
14
2
7
OA3
OA4
OB3
OB4
15
6
20 pin (150 mil) SSOP/20 pin (300mil) SOIC
Inputs
Outputs
OEA, OEB
INA, INB
OAN, OBN
MON
LL
LL
L
HHH
HL
Z
L
HH
Z
H
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
VCC
Power
Connect to +3.3 V
2
OA0
Output
Clock output.
3
OA1
Output
Clock output.
4
OA2
Output
Clock output.
5
GND
Power
Connect to ground.
6
OA3
Output
Clock output.
7
OA4
Output
Clock output.
8
GND
Power
Connect to ground.
9OEA
Input
Tri state output enable input (active low).
10
INA
Input
Clock input.
11
INB
Input
Clock input.
12
OEB
Input
Tri state output enable input (active low).
13
MON
Output
Monitor output.
14
OB4
Output
Clock output.
15
OB3
Output
Clock output.
16
GND
Power
Connect to ground.
17
OB2
Output
Clock output.
18
OB1
Output
Clock output.
19
OB0
Output
Clock output.
20
VCC
Power
Connect to +3.3 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com