Electronic Components Datasheet Search
  English  ▼

X  

MK3805RI Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # MK3805RI
Description  Buffer/Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3805RI Datasheet(HTML) 4 Page - Integrated Circuit Systems

  MK3805RI Datasheet HTML 1Page - Integrated Circuit Systems MK3805RI Datasheet HTML 2Page - Integrated Circuit Systems MK3805RI Datasheet HTML 3Page - Integrated Circuit Systems MK3805RI Datasheet HTML 4Page - Integrated Circuit Systems MK3805RI Datasheet HTML 5Page - Integrated Circuit Systems MK3805RI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Buffer/Clock Driver
MDS 3805 B
4
Revision 031104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
MK3805
Recommended Operation Conditions
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±5%, Ambient Temperature -40
°C to +85°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.13
+3.3
+3.46
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.13
3.3
3.46
V
Supply Current
IDD
No load, OEA,OEB
GND, fo=10MHz, 50%
duty cycle
3.3
mA
IDD
No load, OEA,OEB
GND, fo=2.5MHz,
50% duty cycle
1.8
mA
Quiescent Current
ICC
3
30
µA
Input High Voltage
VIH
2V
Input Low Voltage
VIL
0.8
V
Output High Voltage
VOH
IOH = -4 mA
VDD-0.4
V
Output High Voltage
VOH
IOH = -12 mA
2.4
V
Output Low Voltage
VOL
IOL = 12 mA
0.4
V
Short Circuit Current
IOS
CLK output
±50
mA
Input Capacitance
5
pF
Nominal Output Impedance
ZO
20
Ω
Input Hysteresis
VH
150
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com