Electronic Components Datasheet Search
  English  ▼

X  

MK3805RI Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK3805RI
Description  Buffer/Clock Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK3805RI Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK3805RI Datasheet HTML 1Page - Integrated Circuit Systems MK3805RI Datasheet HTML 2Page - Integrated Circuit Systems MK3805RI Datasheet HTML 3Page - Integrated Circuit Systems MK3805RI Datasheet HTML 4Page - Integrated Circuit Systems MK3805RI Datasheet HTML 5Page - Integrated Circuit Systems MK3805RI Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MK3805
MDS 3805 B
1
Revision 031104
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Buffer/Clock Driver
Description
The MK3805 is a non-inverting clock driver/buffer
providing two independent banks of four outputs each.
These buffers have a tri-state output enable input
(active low) with 1-input, 5-output configuration per
group. The skew between the outputs of the same
package is 0.5 ns and the skew between the outputs of
different packages is 0.8 ns. The maximum input to
output delay is 4.5 ns.
Features
• Packaged in 20-pin SSOP
• Five outputs for each bank with one clock input
• Two separate banks of five outputs each
• Advanced, low-power, CMOS process
• Ten output clocks
• Two separate inputs
• Industrial temperature range -40°C to +85°C
• Hysteresis on all inputs
Block Diagram
OA0-4
5
OB0-4
5
MON
INA
OEB
INB
OEA
GND
3
VDD
2


Similar Part No. - MK3805RI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK3805RILF RENESAS-MK3805RILF Datasheet
333Kb / 8P
BUFFER/CLOCK DRIVER
051310
MK3805RILFTR RENESAS-MK3805RILFTR Datasheet
333Kb / 8P
BUFFER/CLOCK DRIVER
051310
More results

Similar Description - MK3805RI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
Clock Buffer/Driver
September 28, 1999 rev
logo
Integrated Circuit Syst...
ICSLV810 ICST-ICSLV810 Datasheet
243Kb / 12P
Buffer/Clock Driver
Revision 101305
logo
Integrated Device Techn...
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
BUFFER/CLOCK DRIVER
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
Differential Clock Buffer/Driver
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23_01 Datasheet
193Kb / 11P
Clock Buffer/Driver
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
Clock Buffer/Driver
logo
Integrated Device Techn...
LV810FILF IDT-LV810FILF Datasheet
304Kb / 14P
BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
MK3805 RENESAS-MK3805 Datasheet
333Kb / 8P
BUFFER/CLOCK DRIVER
051310
MK3807-01 RENESAS-MK3807-01 Datasheet
317Kb / 8P
BUFFER/CLOCK DRIVER
051310
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
BUFFER/CLOCK DRIVER
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com