Electronic Components Datasheet Search
  English  ▼

X  

P8S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # P8S
Description  8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P8S Datasheet(HTML) 4 Page - Vishay Siliconix

  P8S Datasheet HTML 1Page - Vishay Siliconix P8S Datasheet HTML 2Page - Vishay Siliconix P8S Datasheet HTML 3Page - Vishay Siliconix P8S Datasheet HTML 4Page - Vishay Siliconix P8S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P8S
www.vishay.com
Vishay Sfernice
Revision: 03-Apr-17
4
Document Number: 51020
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MARKING
• Vishay trademark
•Model
•Style
• Ohmic value (in
, k, M)
• Tolerance (in %)
• Manufacturing date
• Marking of terminal: 3
PACKAGING
• In plastic box of 50 pieces, code B25 (BL50)
ORDERING INFORMATION (part number)
MODEL
STYLE
OHMIC VALUE
TOLERANCE
PACKAGING CODE
SPECIAL NUMBER
P8
ST
SX
SY
From 10
to 2.2 M
103 = 10K
K = 10 %
On request:
J = 5 %
B25 = box 50 pieces
(If applicable)
Given by Vishay for custom
design
PART NUMBER DESCRIPTION (for information only)
P8
S
X
100K
10 %
BL
e2
MODEL
STYLE
STYLE
VALUE
TOLERANCE
SPECIAL
PACKAGING
LEAD FINISH
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029
X
104
B
2
5
K
8S
P



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com