Electronic Components Datasheet Search
  English  ▼

X  

P8S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P8S
Description  8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P8S Datasheet(HTML) 3 Page - Vishay Siliconix

  P8S Datasheet HTML 1Page - Vishay Siliconix P8S Datasheet HTML 2Page - Vishay Siliconix P8S Datasheet HTML 3Page - Vishay Siliconix P8S Datasheet HTML 4Page - Vishay Siliconix P8S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P8S
www.vishay.com
Vishay Sfernice
Revision: 03-Apr-17
3
Document Number: 51020
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
R
T/RT (%)
R
1-2/R1-2 (%)
Load life
1000 h at rated power
90’/30’ - ambient temperature 70 °C
± 2 %
Contact res. variation: < 3 % Rn
± 3 %
Climatic sequence
Phase A dry heat 100 °C
Phase B damp heat
Phase C cold -55 °C
Phase D damp heat 5 cycles
± 0.5 %
± 1 %
Long term damp heat
56 days
40 °C, 93 % RH
± 1 %
Dielectric strength: 1000 VRMS
Insulation resistance: > 104 M
± 2 %
Rapid temperature change
5 cycles
-55 °C to +125 °C
± 0.5 %
V
1-2/V1-3
 ± 1 %
Shock
50 g at 11 ms
3 successive shocks
in 3 directions
± 0.2 %
± 0.5 %
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g during 6 h
± 0.2 %
V
1-2/V1-3
 ± 0.5 %
Rotational life
200 cycles
± 3 %
Contact res. variation: < 3 % Rn
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE VALUES
P8SX, P8SY
P8ST
TYPICAL TCR
-55 °C to +125 °C
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CURRENT
THROUGH
WIPER
MAX.
POWER
AT 70 °C
MAX.
WORKING
VOLTAGE
MAX. CURRENT
THROUGH
WIPER
W
V
mA
W
V
mA
ppm/°C
10
0.5
2.2
224
1
3.16
316
± 100
22
0.5
3.3
150
1
4.69
213
47
0.5
4.8
103
1
6.86
146
100
0.5
7.0
70
1
10.0
100
220
0.5
10.5
47
1
14.8
67
470
0.5
15.3
32
1
21.7
46
1K
0.5
22.4
22
1
31.6
32
2.2K
0.5
33.2
15
1
46.9
21
4.7K
0.5
48.5
10
1
68.6
15
10K
0.5
70.7
7.0
1
100
10
22K
0.5
105
4.8
1
148
6.7
47K
0.5
153
3.2
1
217
4.6
100K
0.5
224
2.2
0.63
250
2.5
220K
0.28
250
1.1
0.28
250
1.1
470K
0.13
250
0.53
0.13
250
0.53
1M
0.06
250
0.25
0.06
250
0.25
2.2M
0.028
250
0.11
0.03
250
0.11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com