Electronic Components Datasheet Search
  English  ▼

X  

P8S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # P8S
Description  8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P8S Datasheet(HTML) 1 Page - Vishay Siliconix

  P8S Datasheet HTML 1Page - Vishay Siliconix P8S Datasheet HTML 2Page - Vishay Siliconix P8S Datasheet HTML 3Page - Vishay Siliconix P8S Datasheet HTML 4Page - Vishay Siliconix P8S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P8S
www.vishay.com
Vishay Sfernice
Revision: 03-Apr-17
1
Document Number: 51020
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
8.5 mm Diameter Single-Turn Fully Sealed Container
Cermet Trimmer
The P8S series trimmers are well adapted for all industrial
applications as their maximum resistance contact variation
is within 3 % of Rn and as they are fully sealed.
For more stringent requirements the P8P series is
recommended.
FEATURES
• Industrial grade
• High quality cermet resistive track:
- 1 W at 70 °C, P8ST
- 0.5 W at 70 °C, P8SX and P8SY
• Test according to CECC 41000 or IEC 60393-1
• Wide resistance range (10
 to 2.2 M)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (± 0.5 mm)
P8SX
P8SY
P8ST
Consult Vishay Sfernice for
panel sealed type
Slot 0.6 wide x 0.7 deep
8.9
3.5 min
4.7
Ground
7.62
ø 8.5
2.54
2.54
ø 8.5
8 max
5 min
0.5
2.54
a
b
c
0.5 x 0.4
2.54
2.54
Slot 0.6 wide x 0.7 deep
2.54
2.54
0.5
8.6
2.54
a
b
c
Thread M7 x 0.75
Shim washers
3.2 ± 0.2
3.4 ± 0.2
7.8 ± 1
4.5 ± 1
Panel thickness
0.4
- 0
Ø 8.6 - 0.1
1
2
3
0.5 min
0.5 to 2.5
2.5 to 4 max
1
2
3


Similar Part No. - P8S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8S VISHAY-P8S Datasheet
154Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
logo
Shanghai Leiditech Elec...
P8S LEIDITECH-P8S Datasheet
935Kb / 4P
8000W Transient Voltage Suppressor
logo
Vishay Siliconix
P8S VISHAY-P8S Datasheet
84Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
logo
Shanghai Leiditech Elec...
P8S20A LEIDITECH-P8S20A Datasheet
862Kb / 4P
Low zener impedance JEDEC R-6/P-600 Molded Plastic
P8S20A LEIDITECH-P8S20A Datasheet
935Kb / 4P
8000W Transient Voltage Suppressor
More results

Similar Description - P8S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P8P VISHAY-P8P Datasheet
135Kb / 4P
Fully Sealed Container Cermet Trimmers
26-Oct-06
T63YB101KT20 VISHAY-T63YB101KT20 Datasheet
94Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
20-Jun-13
T63YA102KT20 VISHAY-T63YA102KT20 Datasheet
98Kb / 5P
1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
05-Aug-13
T63 VISHAY-T63 Datasheet
102Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
P8P VISHAY-P8P_V01 Datasheet
114Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
27-Apr-17
P8S VISHAY-P8S_V01 Datasheet
84Kb / 5P
8.5 mm Diameter Single-Turn Fully Sealed Container Cermet Trimmer
03-Apr-17
T12 VISHAY-T12_V01 Datasheet
122Kb / 6P
Fully Sealed Container 12 mm Square or Round Single-Turn Cermet Trimmer
03-Apr-17
T63 VISHAY-T63_V01 Datasheet
84Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T6XA474KT20 VISHAY-T6XA474KT20 Datasheet
86Kb / 5P
1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T9XA474KT20 VISHAY-T9XA474KT20 Datasheet
108Kb / 5P
3/8 Square Multi-Turn Fully Sealed Container Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com