Electronic Components Datasheet Search
  English  ▼

X  

T73 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T73
Description  1/4 Square Single-Turn Cermet Sealed Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T73 Datasheet(HTML) 1 Page - Vishay Siliconix

  T73 Datasheet HTML 1Page - Vishay Siliconix T73 Datasheet HTML 2Page - Vishay Siliconix T73 Datasheet HTML 3Page - Vishay Siliconix T73 Datasheet HTML 4Page - Vishay Siliconix T73 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T73
www.vishay.com
Vishay Sfernice
Revision: 23-Sep-15
1
Document Number: 51016
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1/4" Square Single-Turn Cermet Sealed Trimmer
FEATURES
• Industrial grade
• Fully sealed
• Miniature package
• Rotor designed for automatic machine adjust interface
• Withstands harsh environments and immersion cleaning
process
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters (± 0.25 mm)
Common dimensions
Top adjust
T73Y
T73YP
T73YE
T73YU
T73YB
Common dimensions
Side adjust
T73X
T73XX
T73XH
T73XW
T73XF
4.7
6.6
3.8
Ø 0.46
5.46 ± 0.38
Base
level
7
Cruciform slot Ø 3
long 2.77, wide 0.64 - deep 0.89
2.54
2.54*
2.54*
2
1.02
31
2.54*
2
3
1
3.53
2.54*
2.54*
1
3
2
2.54*
2.54*
3.53
2
4.06 ± 0.38
3
1
90°
7
3.8
6.6
5.46 ± 0.38
Base
level
Cruciform slot Ø 3
long 2.77, wide 0.64 - deep 0.89
2.54*
2.54*
2.54*
4.7
1.02
3
2
1
2.54*
2.54*
2.54*
4.7
1.02
1
2
3
2.29
2.54*
2.54*
1
2
3
4.7
2.54*
2.54*
2.54*
4.7
1.02
1
2
3


Similar Part No. - T73

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
1/4" Square Single-Turn Cermet Sealed Trimmers
24-Jan-07
logo
TE Connectivity Ltd
T73 TEC-T73 Datasheet
438Kb / 2P
General Purpose Relays PCB Relays
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
115Kb / 5P
1/4 Square Single-Turn Cermet Sealed Trimmer
31-Aug-2018
logo
Tyco Electronics
T73 MACOM-T73 Datasheet
46Kb / 2P
Low Profile, 10 Amp Printed Circuit Board Relay
logo
Norgren Ltd
T73 NORGREN-T73 Datasheet
652Kb / 2P
T73 - EXCELON® Modular System 2/2- and 3/2 shut-off valve
03/16
More results

Similar Description - T73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GF063-K ETC1-GF063-K Datasheet
833Kb / 9P
1/4 SQUARE, SINGLE-TURN, THROUGH-HOLE SEALED CERMET TRIMMERS
logo
Vishay Siliconix
T73 VISHAY-T73 Datasheet
143Kb / 4P
1/4" Square Single-Turn Cermet Sealed Trimmers
24-Jan-07
T63YB101KT20 VISHAY-T63YB101KT20 Datasheet
94Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
20-Jun-13
T63YA102KT20 VISHAY-T63YA102KT20 Datasheet
98Kb / 5P
1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
05-Aug-13
T63 VISHAY-T63 Datasheet
102Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T63 VISHAY-T63_V01 Datasheet
84Kb / 5P
1/4" Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
T73 VISHAY-T73_V01 Datasheet
115Kb / 5P
1/4 Square Single-Turn Cermet Sealed Trimmer
31-Aug-2018
TS3 VISHAY-TS3_V01 Datasheet
114Kb / 4P
3 mm Square Surface Mount Miniature Trimmer Single-Turn Cermet Sealed
02-Mar-18
T6XA474KT20 VISHAY-T6XA474KT20 Datasheet
86Kb / 5P
1/4 Multi-Turn Fully Sealed Container Cermet Trimmer
09-Sep-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com