Electronic Components Datasheet Search
  English  ▼

X  

T73 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # T73
Description  1/4 Square Single-Turn Cermet Sealed Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T73 Datasheet(HTML) 2 Page - Vishay Siliconix

  T73 Datasheet HTML 1Page - Vishay Siliconix T73 Datasheet HTML 2Page - Vishay Siliconix T73 Datasheet HTML 3Page - Vishay Siliconix T73 Datasheet HTML 4Page - Vishay Siliconix T73 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
T73
www.vishay.com
Vishay Sfernice
Revision: 23-Sep-15
2
Document Number: 51016
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
Resistive element
Cermet
Electrical travel
240° nominal
Resistance range
10
 to 2 M
Standard series
1 - 2 - 5
Tolerance standard
10 %
Power rating
linear
0.5 W at +70 °C
Circuit diagram
Temperature coefficient
± 100 ppm/°C
Limiting element voltage
300 V
Contact resistance variation
1 % Rn or 3
 max. whichever is greater
Absolute minimum resistance
1 % Rn or 2
 max. whichever is greater
Adjustability
± 0.05 % voltage
± 0.15 % resistance
Resolution
infinite
Insulation resistance (500 VDC)103 M minimum
Dielectric strength
900 VAC sea level
350 VAC 80 000 feet
MECHANICAL SPECIFICATIONS
Mechanical travel
270°
Operating torque (max. Ncm)
2.1
End stop torque (max. Ncm)
4.9
Unit weight (max. g)
0.6
Terminals
Pure Sn (code e3)
ENVIRONMENTAL SPECIFICATIONS
Temperature range
-55 °C to +125 °C
Climatic category
55/100/56
Sealing
Fully sealed - IP67
AMBIENT TEMPERATURE IN °C
0
20
40
100
125
140
70
60
0.25
0
0.50
a
c
b
cw
(2)
(3)
(1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com