Electronic Components Datasheet Search
  English  ▼

X  

T73 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T73
Description  1/4 Square Single-Turn Cermet Sealed Trimmer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T73 Datasheet(HTML) 3 Page - Vishay Siliconix

  T73 Datasheet HTML 1Page - Vishay Siliconix T73 Datasheet HTML 2Page - Vishay Siliconix T73 Datasheet HTML 3Page - Vishay Siliconix T73 Datasheet HTML 4Page - Vishay Siliconix T73 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
T73
www.vishay.com
Vishay Sfernice
Revision: 23-Sep-15
3
Document Number: 51016
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUES AND DRIFTS
Load life
1000 h - 0.5 W at + 70 °C
R
T/RT (%)
CRV < 3
 or 3 %
whichever is greater
Shock
3 %
Vibration
100 g
± 1 %
V/V  ± 1 %
Humidity
30 g
± 1 %
V/V  ± 1 %
Rotational life
MIL-STD202 method 103 - 96 h
± 2 %
i.R. 10 M
Load life
200 cycles
± 4 %
CRV < 3
 or 3 %
whichever is greater
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
TYPICAL
TCR
-55 °C
+125 °C
MAX. POWER
AT 70 °C
MAX. WORKING
VOLTAGE
MAX. WIPER
CURRENT
W
V
mA
ppm/°C
10
0.50
2.2
224
± 100
20
0.50
3.2
160
50
0.50
5.0
100
100
0.50
7.1
70
200
0.50
10.0
50
500
0.50
15.8
32
1K
0.50
22.4
22
2K
0.50
31.6
16
5K
0.50
50
10
10K
0.50
70.7
7.1
20K
0.50
100
5.0
50K
0.50
158.1
3.2
100K
0.50
223.6
2.2
200K
0.45
300
1.5
500K
0.18
300
0.60
1M
0.09
300
0.30
2M
0.05
300
0.15
MARKING
• Vishay trademark
• Resistance code
• Terminal numbers
• Date code
•Model
PACKAGING
• In tube of 50 pieces code T20 (TU50)
• On request: tape and reel for style YU, code R32 (TR750) and style XW code R15 (TR1000)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com